Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 4 Page - IXYS Corporation

  IXA531 Datasheet HTML 1Page - IXYS Corporation IXA531 Datasheet HTML 2Page - IXYS Corporation IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
IXA531
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to LS. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions
Symbol
Definition
Min.
Max.
Units
VCH1,2,3
High side floating supply voltage
VHS1,2,3 + 12
VHS1,2,3 + 35
V
VHS1,2,3
High side floating supply offset voltage
- 200
650
V
VHGO1,2,3 High side floating output voltage
VHS1,2,3
VCH1,2,3
V
VLGO1,2,3
Low side output voltage
0
VCL
V
VCL
Low side and logic fixed supply voltage
12
35
V
VDG
Logic Supply offset voltage
VLS - 0.3
VLS + 0.3
V
VFLT
FAULT output voltage
VDG
VCL
V
VRST
RST input voltage
VDG
VCL
V
VITRP
ITRP input voltage
VDG
VCL
V
_______ _______
VIN
Logic input voltage HIN1,2,3, LIN1,2,3, EN
VDG or VLS
VCL
V
TA
Ambient temperature
-40
125
O
C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. All voltage parameters are absolute
values referenced to LS. The VHS offset rating is tested with all supplies baised at 15V differential.
Symbol Definition
Min.
Max.
Units
VCH
High side floating supply voltage , (VCH1,2,3)
-200
650
V
VHS
High side floating supply offset voltage , (VHS1,2,3)VCH1,2,3 - 35
VCH1,2,3 + 0.3
V
VHGO
High side floating output voltage , (VHGO1,2,3)VHS1,2,3– 0.3
VCH1,2,3 + 0.3
V
VCL
Low side and logic fixed supply voltage
8.0
35
V
VDG
Logic Supply offset voltage
VLS - 0.7
VLS + 0.7
V
VLGO
Low side output voltage
- 0.3
VCL + 0.3
V
_______ _______
Lower of
VIN
Input voltage HIN1,2,3, LIN1,2,3, ITRP, RST , EN
VDG – 0.3
(VDG + 35) or
V
(VCL + 0.3)
VFLT
FAULT output voltage
VDG – 0.3
VCL + 0.3
V
dV/dt
Allowable offset voltage slew ratelew rate
50
V/ns
PD
Package power dissipation@ TA ≤ +25
OC
2.0
W
RthJA
Thermal resistance, junction to ambient
63
K/W
TJ
Junction temperature
125
OC
TS
Storage temperature
-55
150
OC
TL
Lead temperature (soldering, 10 seconds)
300
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com