Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXA531 Datasheet HTML 2Page - IXYS Corporation IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation IXA531 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
IXA531
Dynamic Electrical Characteristics
V
CL = VCH = VBIAS = 15V, VHS1,2,3 = VDG = VLS, TA = 25°C and CL = 1000pF unless otherwise specified.
Notes: A Cross Conduction logic prevents LGO1,2,3 and HGO1,2,3 for each channel from turning on
simultaneously.
1. UVCL is not latched, when VCL
>UVCL, FAULT returns to high impedance.
2. When ITRP
< V
ITRP, FAULT returns to high-impedance after RST pin becomes greater then 8V
(@VCL= 15V).
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conds.
t
on
Turn-on propagation delay
300
425
550
nS
V
IN=0V & 5V
t
off
Turn-off propagation delay
250
400
550
nS
V
IN=0V & 5V
t
r
Turn-on rise time
125
190
nS
----
t
f
Turn-on fall time
50
75
nS
----
t
EN
ENABLE low to output shutdown
300
450
600
nS
V
IN , VEN = 0 V
propagation delay
or 5 V
t
ITRP
ITRP to output shutdown propagation delay
500
750
1000
nS
V
ITRP=5V
t
bl
ITRP blanking time
100
150
nS
V
IN=0V or 5V
V
ITRP = 5V
t
FLT
ITRP to FAULT propagation delay
400
600
800
nS
V
IN = 0V or 5V
V
ITRP = 5V
t
FILIN
Input filter time (HIN, LIN, EN)
100
200
nS
V
IN = 0V & 5V
t
FLCLR
FAULT clear time RST=2meg, C=1nF
1.3
1.65
2
mS
V
IN = 0V or 5V
V
ITRP=0V
DT
Dead time
220
290
360
nS
V
IN = 0V & 5V
MT
Matching delay ON and OFF
40
75
nS
External Dead
MDT
Matching delay, max (t
on , toff) - min (ton , toff)
25
70
nS
Time
(t
on,toff are applicable to all 3 channels)
>400nsec
PM
Output pulse width matching, PWMIN-PWMOUT
40
75
nS
VCL
VCH
ITRP
ENABLE
FAULT
LGO1,2,3
HGO1,2,3
<UVCL
X
X
X
0(note 1)
0
0
15V
<UVCH
0V
15V
high imp
LIN1,2,3
0
15V
15V
0V
15V
high imp
LIN1,2,3
HIN1,2,3
15V
15V
>VITRP
15V
0 (note 2)
0
0
15V
15V
0V
0V
high imp
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com