Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 1 Page - IXYS Corporation

  IXA531 Datasheet HTML 1Page - IXYS Corporation IXA531 Datasheet HTML 2Page - IXYS Corporation IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Data Sheet
IXA531
First Release
Copyright © IXYS CORPORATION 2005
500mA 3-Phase Bridge Driver
Applications
• Driving MOSFETs and IGBTs in half-bridge circuits
• High voltage, high side and low side drivers
• Motor Controls
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Class D Switching Amplifiers
Warning: The IXA531 is ESD sensitive.
DS99187A(12/05)
Features
• Fully operational to +650V
• Tolerant of negative transient voltages
• dV/dt immune (50V/ns)
• Latch-up protected over entire operating range
• Fault-current shutdown for all drive outputs
• User selectable delay or latching function for
clearing of the FAULT signal, independent
user controlled clearing of the FAULT signal
is also available
• UVLO protection for all drive outputs
• Enable signal capable of disabling all driver outputs
• 3 half-bridge driver pairs (independent)
• 3.3V logic compatible
• Cross-conduction prevention logic,
220 ns - 360ns Phase leg deadtime
• Peak output current: 600mA Pull-up/Source,
600mA Pull-down/Sink
• Wide operating supply voltage range: 8.0V to 35V
• Capacitive load drive capability: 1250pF in < 100ns
• Matched, low propagation delay times
• Low supply current
• Monolithic construction
___
• Fault monitoring is accompanied by a FLT
signal indication, with programmable reset or user
selectable latched protection
• Target package power dissipation capability is 2.0W.
• Full level of function available from -55°C to + 125°C
• Available in 48-Lead 7mm x 7mm MLP Quad
package and 44-Lead PLCC package
General Description
The IXA531 is a monolithic, 3-phase, MOSFET/IGBT
gate driver consisting of three independent, high and low
side output channels. In addition to the six inputs,
which are CMOS/TTL Compatible, for the three
corresponding high side and three low side outputs,
there are dedicated lines for FAULT, ENABLE and
RESET. Overload/Short Circuit protection is
implemented by sensing a voltage across a shunt or low
value resistor which carries load current. Upon
Overload/Short Circuit detection, all outputs are
disabled. Likewise ENABLE (EN) pin, when LOW under
abnormal operating conditions, affords soft shut down of
outputs. FAULT(FLT) signal‘s status indicates that shut
down has occurred either due to Overload/Short Circuit
in driven MOSFET/IGBT or Under Voltage on V
CL.
Clearing of FAULT (FLT) signal and restoration of
normal operation ensue automatically after a
programmed delay using an RC Network wired at RST
(RESET) pin. Matched propagation delays ensure
proper operation even at very high switching
frequencies. Absence of cross conduction in output
stages removes possibility of shoot through in driven
power MOSFETs or IGBTs.
Part
Package
IXA531S10
48L - SSLGA
IXA531L4
44L - PLCC
Ordering Information
1


Similar Part No. - IXA531

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA55I1200HJ IXYS-IXA55I1200HJ Datasheet
119Kb / 5P
XPT IGBT
More results

Similar Description - IXA531

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
logo
International Rectifier
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
80V, 500mA, 3-Phase MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com