Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 5Page - Analog Devices AD5683RARMZ Datasheet HTML 6Page - Analog Devices AD5683RARMZ Datasheet HTML 7Page - Analog Devices AD5683RARMZ Datasheet HTML 8Page - Analog Devices AD5683RARMZ Datasheet HTML 9Page - Analog Devices AD5683RARMZ Datasheet HTML 10Page - Analog Devices AD5683RARMZ Datasheet HTML 11Page - Analog Devices AD5683RARMZ Datasheet HTML 12Page - Analog Devices AD5683RARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
3
GND
4
SCLK
1
VDD
2
LDAC
6SDI
5 SYNC
8VOUT
7VREF
AD5681R/
AD5682R/
AD5683R/
AD5683
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 6. Pin Configuration, 8-Lead LFCSP, LDAC Option
3
GND
4
SCLK
1
VDD
2
VLOGIC
6SDI
5 SYNC
8VOUT
7VREF
AD5683R-1/
AD5681R-1
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 7. Pin Configuration, 8-Lead LFCSP, VLOGIC Option
3
GND
4
SCLK
1
VDD
2
RESET
6SDI
5SYNC
8VOUT
7VREF
AD5683R-2
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 8. Pin Configuration, 8-Lead LFCSP, RESET Option
Table 7. Pin Function Descriptions, 8-Lead LFCSP
Pin No.
Mnemonic
Description
LDAC
VLOGIC
RESET
1
1
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple the supply to GND.
2
N/A
N/A
LDAC
LDAC can be operated in asynchronous mode (see Figure 4). Pulsing this pin low allows the DAC
register to be updated if the input register has new data. This pin can be tied permanently low; in
this case, the DAC is automatically updated when new data is written to the input register.
N/A
2
N/A
VLOGIC
Digital Power Supply. Voltage ranges from 1.62 V to 5.5 V.
N/A
N/A
2
RESET
Asynchronous Reset Input. The RESET input is low level sensitive. When RESET is low, all LDAC pulses
are ignored, the input and DAC registers are at their default values, and the output is connected to
GND. Data written to the AD5683R is ignored. If not used, this pin can be tied to VLOGIC.
3
3
3
GND
Ground Reference Point for All Circuitry on the Device.
4
4
4
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates of up to 50 MHz.
5
5
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC
goes low, it powers on the SCLK and SDI buffers and enables the input shift register. Data is
transferred in on the falling edges of the next 24 clocks.
6
6
6
SDI
Serial Data Input. This device has a 24-bit shift register. Data is clocked into the register on the
falling edge of the serial clock input.
7
7
7
VREF
AD5683R/AD5682R/AD5681R Reference Output. When using the internal reference, this is the
reference output pin. The default for this pin is as a reference output. It is recommended that this
pin be decoupled to GND with a 10 nF capacitor.
8
8
8
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.
0
0
0
EPAD
Exposed Pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com