Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 20Page - Analog Devices AD5683RARMZ Datasheet HTML 21Page - Analog Devices AD5683RARMZ Datasheet HTML 22Page - Analog Devices AD5683RARMZ Datasheet HTML 23Page - Analog Devices AD5683RARMZ Datasheet HTML 24Page - Analog Devices AD5683RARMZ Datasheet HTML 25Page - Analog Devices AD5683RARMZ Datasheet HTML 26Page - Analog Devices AD5683RARMZ Datasheet HTML 27Page - Analog Devices AD5683RARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5683R/AD5682R/AD5681R/AD5683
Data Sheet
Rev. D | Page 24 of 28
Write Control Register
The write control register sets the power-down and gain
functions. It also enables/disables the internal reference and
perform a software reset. See Table 10 for the write control
register functionality.
Table 10. Write Control Register Bits
DB19
DB18
DB17
DB16
DB15
DB14
Reset
PD1
PD0
REF
Gain
DCEN
DCEN Bit
The daisy-chain enable bit (DCEN, Bit DB14) enables the SDO pin,
allowing the device to operate in daisy-chain mode. This bit is
automatically disabled when a readback command is executed.
Enabling this bit disables the write short command feature in the
AD5681R.
Table 11. Daisy-Chain Enable Bit (DCEN)
DB0
Mode
0
Standalone mode (default)
1
DCEN mode
Gain Bit
The gain bit selects the gain of the output amplifier. Table 12
shows how the output voltage range corresponds to the state of
the gain bit.
Table 12. Gain Bit
Gain
Output Voltage Range
0
0 V to VREF (default)
1
0 V to 2 × VREF
REF Bit
The on-chip reference is on at power-up by default. This reference
can be turned on or off by setting a software-programmable bit,
DB16, in the write control register. Table 13 shows how the state
of the bit corresponds to the mode of operation.
To reduce the power consumption, it is recommended to
disable the internal reference if the device is placed in power-
down mode.
Table 13. Reference Bit (REF)
REF
Reference Function
0
Reference enabled (default)
1
Reference disabled
PD0 and PD1 Bits
The AD5683R/AD5682R/AD5681R contain two separate mode of
operation that are accessed by writing to the write control register.
In normal mode, the output buffer is directly connected to the
VOUT pin.
In power-down mode, the output buffer is internally disabled
and the VOUT pin output impedance can be selected to a well-
known value, as shown in Table 14.
Table 14. Operation Modes
Operating Mode
PD1
PD0
Normal Mode
0
0
Power-Down Modes
1 kΩ Output Impedance
0
1
100 kΩ Output Impedance
1
0
Three-State Output Impedance
1
1
In power-down mode, the device disables the output buffer but
does not disable the internal reference. To achieve maximum
power savings, it is recommend to disable the REF bit, if
possible.
Disabling both the internal reference and the output buffer
results in the supply current falling to 2 μA at 5 V.
The output stage is shown in Figure 52.
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 52. Output Stage During Power-Down
The output amplifier is shut down when the power-down mode
is activated. However, unless the internal reference is powered
down (using Bit DB16 in the write control register), the bias
generator, reference, and resistor string remain on. When in
power-down mode, the weak SDO resistor is also disconnected.
The supply current falls to 2 μA at 5 V. The contents of the DAC
register are unaffected when in power-down mode, and the DAC
register can continue to be updated. The time that is required to
exit power-down is typically 4 μs for VDD = 5 V, or 600 μs if the
reference is disabled.
Reset Bit
The write control register of the AD5683R/AD5682R/AD5681R
contains a software reset function that resets the input and DAC
registers to zero scale and resets the write control register to the
default value. A software reset is initiated by setting the reset bit
(Bit DB19) in the write control register to 1. When the software
reset is complete, the reset bit is cleared to 0 automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com