Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 19Page - Analog Devices AD5683RARMZ Datasheet HTML 20Page - Analog Devices AD5683RARMZ Datasheet HTML 21Page - Analog Devices AD5683RARMZ Datasheet HTML 22Page - Analog Devices AD5683RARMZ Datasheet HTML 23Page - Analog Devices AD5683RARMZ Datasheet HTML 24Page - Analog Devices AD5683RARMZ Datasheet HTML 25Page - Analog Devices AD5683RARMZ Datasheet HTML 26Page - Analog Devices AD5683RARMZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 23 of 28
INTERNAL REGISTERS
Input Shift Register
The shift register of the AD5683R/AD5682R/AD5681R/AD5683
is 24 bits wide. Serial data is loaded MSB first (DB23) and the
first four bits are the command bits, C3 to C0, followed by the
data bits.
The data bits comprise a 20-bit, 18-bit, or 16-bit input code,
followed by a number of don’t care bits as shown in Table 9.
The command is decoded on the rising edge of SYNC.
Input Register
The input register acts as a buffer to preload new data. This
register does not control the voltage in the VOUT pin. There are
two different ways to transfer the contents of the input register
to the DAC register: by software or by hardware.
DAC Register
The DAC register controls the voltage in the VOUT pin. This
register can be updated by issuing a command or by
transferring the contents of the input register to the DAC
register.
COMMANDS
Write Input Register
The input register allows the preloading of a new value for the
DAC register. The transfer from the input register to the DAC
register can be triggered by hardware, by the LDAC pin, or by
software using Command 2.
If new data is loaded into the DAC register directly using
Command 3, the DAC register automatically overwrites the
input register.
Update DAC Register
This command transfers the contents of the input register to the
DAC register and, consequently, the VOUT pin is updated.
This operation is equivalent to a software LDAC.
Write DAC Register
The DAC register controls the output voltage in the DAC. This
command updates the DAC register on completion of the write
operation. The input register is refreshed automatically with the
DAC register value.
Table 9. Command Operation
Command
[DB23:DB20]
Data Bits [DB19:DB0]1
Operation
C3
C2
C1
C0
DB19 DB18 DB17 DB16 DB15
DB14
[DB13:DB8] DB7
DB6
DB5
DB4
[DB3:DB0]
0
0
0
0
X
X
X
X
X
X
X…X
X
X
X
X
X…X
Do nothing
0
0
0
1
DB15
DB14
DB13 DB12
DB11
DB10
DB9…DB4
DB32
DB22 DB12,3
DB02,3 X…X
Write input register
0
0
1
0
X
X
X
X
X
X
X…X
X
X
X
X
X…X
Update DAC register
(software LDAC)
0
0
1
1
DB15
DB14
DB13 DB12
DB11
DB10
DB9…DB4
DB32
DB22 DB12,3
DB02,3 X…X
Write DAC and input
register
0
1
0
0
DB19
DB18
DB17 DB16
DB15
DB14
0…0
0
0
0
0
0…0
Write control register
0
1
0
1
X
X
X
X
X
X
X…X
X
X
X
X
X…X
Readback input
register
1
X means don’t care.
2
This bit is a don’t care bit for the AD5681R only.
3
This bit is a don’t care bit for the AD5682R only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com