Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 15Page - Analog Devices AD5683RARMZ Datasheet HTML 16Page - Analog Devices AD5683RARMZ Datasheet HTML 17Page - Analog Devices AD5683RARMZ Datasheet HTML 18Page - Analog Devices AD5683RARMZ Datasheet HTML 19Page - Analog Devices AD5683RARMZ Datasheet HTML 20Page - Analog Devices AD5683RARMZ Datasheet HTML 21Page - Analog Devices AD5683RARMZ Datasheet HTML 22Page - Analog Devices AD5683RARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 19 of 28
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5683R/AD5682R/AD5681R are single 16-bit, 14-bit, and
12-bit, serial input, voltage output DACs with a 2.5 V internal
reference. The devices operate from supply voltages of 2.7 V to
5.5 V. Data is written to the AD5683R/AD5682R/AD5681R in
a 24-bit word format via a 3-wire serial interface. The AD5683R/
AD5682R/AD5681R incorporate a power-on reset circuit that
ensures that the DAC output powers up to a zero scale. The devices
also have a software power-down mode that reduces the typical
current consumption to 2 µA maximum.
TRANSFER FUNCTION
The internal reference is on by default. For users that need an
external reference, the AD5683 is available. The input coding to
the DAC is straight binary. The ideal output voltage is given by
the following equations:
For the AD5683R,
VOUT(D) = Gain × VREF ×


536
,
65
D
For the AD5682R,
VOUT(D) = Gain × VREF ×
384
,
16
D
For the AD5681R,
VOUT(D) = Gain × VREF ×


4096
D
where:
D is the decimal equivalent of the binary code that is loaded to
the DAC register.
Gain is the gain of the output amplifier. By default, it is set to
×1. The gain can also be set to ×2 using the gain bit in the write
control register.
DAC ARCHITECTURE
The AD5683R/AD5682R/AD5681R/AD5683 implements
segmented string DAC architecture with an internal output
buffer. Figure 47 shows the internal block diagram.
INPUT
REGISTER
DAC
REGISTER
2.5V
REF
RESISTOR
STRING
REF (+)
REF (–)
GND
VOUT
VREF
Figure 47. DAC Channel Architecture Block Diagram
The simplified segmented resistor string DAC structure is
shown in Figure 48. The code loaded to the DAC register
determines the switch on the string that is connected to the
output buffer.
Because each resistance in the string has same value, R, the
string DAC is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
BUFFER
VREF
Figure 48. Simplified Resistor String Structure
Internal Reference
The AD5683R/AD5682R/AD5681R on-chip reference is on at
power-up but can be disabled via a write to the write control
register.
The AD5683R/AD5682R/AD5681R each have a 2.5 V, 2 ppm/°C
reference, giving a full-scale output of 2.5 V or 5 V, depending
on the state of the gain bit.
The internal reference is available at the VREF pin. It is internally
buffered and capable of driving external loads of up to 50 mA.
External Reference
The VREF pin is an input pin in the AD5683. It can also be con-
figured as an input pin on the AD5683R/AD5682R/AD5681R,
allowing the use of an external reference if the application
requires it.
In the AD5683R/AD5682R/AD5681R, the default condition of
the on-chip reference is on at power-up. Before connecting an
external reference to the pin, disable the internal reference by
writing to the REF bit (Bit DB16) in the write control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com