Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5683RARMZ Datasheet HTML 17Page - Analog Devices AD5683RARMZ Datasheet HTML 18Page - Analog Devices AD5683RARMZ Datasheet HTML 19Page - Analog Devices AD5683RARMZ Datasheet HTML 20Page - Analog Devices AD5683RARMZ Datasheet HTML 21Page - Analog Devices AD5683RARMZ Datasheet HTML 22Page - Analog Devices AD5683RARMZ Datasheet HTML 23Page - Analog Devices AD5683RARMZ Datasheet HTML 24Page - Analog Devices AD5683RARMZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 21 of 28
SERIAL INTERFACE
The AD5683R/AD5682R/AD5681R/AD5683 uses a 3-wire
serial interface that is compatible with some SPI modes, Mode 1
and Mode 2, as well as with completely synchronous interfaces
such as SPORT. See Figure 4 for a timing diagram of a typical
write sequence. See the AN-1248 Application Note for more
information about the SPI interface.
SPI SERIAL DATA INTERFACE
Pulling low SYNC pin, the internal input shift register is
enabled, the data in the SDI pin is sampled into the input shift
register on the falling edge of SCLK. The SYNC pin must be
held low until the complete data-word (24-bits) is loaded from
the SDI pin (see Figure 4). When SYNC returns high, the serial
data-word is decoded, following the instructions in Table 9.
Between consecutive data-words, SYNC must be held high for a
minimum of 20 ns. Between consecutive DAC updates, SYNC
must be held high for more than 20 ns to satisfy the DAC
update condition as shown in Figure 4.
If SYNC is brought high after 24 falling clock edges, it is interpreted
as a valid write, and the first 24 bits are loaded to the input shift
register.
To minimize power consumption, it is recommended that all
serial interface pins be operated close to the supply rails.
SHORT WRITE OPERATION (AD5681R ONLY)
The AD5681R SPI serial interface allows data to be transferred
using a smaller number of clocks, if required. The last eight bits
are don’t care bits if the input or DAC registers are written as
shown in Table 9. To increase the DAC update rate, the size of
the data-word can be reduced.
If SYNC is brought high between 16 and 24 clock edges, this is
interpreted as a valid write and only the first 16 bits are decoded,
as shown in Figure 49. If SYNC is brought high before 16 falling
clock edges, the serial write is ignored and the write sequence is
considered invalid. If the DCEN bit is enabled, this functionality
is not available (see Table 11).
SDO Pin
The serial data output pin (SDO), which is available only in the
AD5683R, serves two purposes: to read back the contents of the
DAC registers and to connect the device in daisy-chain mode.
The SDO pin contains a push-pull output that internally includes
a weak pull-down resistor. The data is clocked out of SDO on
the rising edge of SCLK, as shown in Figure 4, and the pin is
active only when the DCEN bit is enabled in the write control
register or automatically enabled during a readback command. In
standby mode, the internal pull-down resistor forces a Logic 0 on
the bus. Due to the high value of the internal pull-down resistor,
other devices can have control over the SDO line if a parallel
connection is made.
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
X
X
X
X
X
X
X
SDI
SYNC
SCLK
Figure 49. Short Write on the AD5681R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com