Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683RARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5683RARMZ
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683RARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD5683RARMZ Datasheet HTML 1Page - Analog Devices AD5683RARMZ Datasheet HTML 2Page - Analog Devices AD5683RARMZ Datasheet HTML 3Page - Analog Devices AD5683RARMZ Datasheet HTML 4Page - Analog Devices AD5683RARMZ Datasheet HTML 5Page - Analog Devices AD5683RARMZ Datasheet HTML 6Page - Analog Devices AD5683RARMZ Datasheet HTML 7Page - Analog Devices AD5683RARMZ Datasheet HTML 8Page - Analog Devices AD5683RARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Tiny 16-/14-/12-Bit SPI nanoDAC+, with
±2 (16-Bit) LSB INL and 2 ppm/°C Reference
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrasmall package: 2 mm × 2 mm, 8-lead LFCSP
High relative accuracy (INL): ±2 LSB maximum at 16 bits
AD5683R/AD5682R/AD5681R
Low drift, 2.5 V reference: 2 ppm/°C typical
Selectable span output: 2.5 V or 5 V
AD5683
External reference only
Selectable span output: VREF or 2 × VREF
Total unadjusted error (TUE): 0.06% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.05% of FSR maximum
Low glitch: 0.1 nV-sec
High drive capability: 20 mA
Low power: 1.2 mW at 3.3 V
Independent logic supply: 1.62 V logic compatible
Wide operating temperature range: −40°C to +105°C
Robust 4 kV HBM ESD protection
APPLICATIONS
Process controls
Data acquisition systems
Digital gain and offset adjustment
Programmable voltage sources
FUNCTIONAL BLOCK DIAGRAM
AD5683R/
AD5682R/
AD5681R
VREF
GND
LDAC
REF
VDD
VLOGIC*
POWER-DOWN
CONTROL LOGIC
DAC
REGISTER
POWER-ON
RESET
2.5V
REF
OUTPUT
BUFFER
16-/14-/12-BIT
DAC
INPUT
CONTROL LOGIC
VOUT
SCLK SDI
SYNC
RESET
*NOT AVAILABLE IN ALL THE MODELS
SDO*
RESISTOR
NETWORK
Figure 1. AD5683R/AD5682R/AD5681R MSOP
(For more information, see the Functional Block Diagrams—LFCSP section.)
GENERAL DESCRIPTION
The AD5683R/AD5682R/AD5681R/AD5683, members of the
nanoDAC+® family, are low power, single-channel, 16-/14-/12-bit
buffered voltage out digital-to-analog converters (DACs). The
devices, except the AD5683, include an enabled by default internal
2.5 V reference, offering 2 ppm/°C drift. The output span can be
programmed to be 0 V to VREF or 0 V to 2 × VREF. All devices
operate from a single 2.7 V to 5.5 V supply and are guaranteed
monotonic by design. The devices are available in a 2.00 mm ×
2.00 mm, 8-lead LFCSP or a 10-lead MSOP.
The internal power-on reset circuit ensures that the DAC register
is written to zero scale at power-up while the internal output
buffer is configured in normal mode. The AD5683R/AD5682R
/AD5681R/AD5683 contain a power-down mode that reduces
the current consumption of the device to 2 µA (maximum) at 5 V
and provides software selectable output loads while in power-
down mode.
The AD5683R/AD5682R/AD5681R/AD5683 use a versatile
3-wire serial interface that operates at clock rates of up to 50 MHz.
Some devices also include asynchronous RESET pin and VLOGIC
pin options, allowing 1.8 V compatibility.
Table 1. Single-Channel nanoDAC+ Portfolio
Interface
Reference
16-Bit
14-Bit
12-Bit
SPI
Internal
AD5683R
AD5682R
AD5681R
External
AD5683
I2C
Internal
AD5693R
AD5692R
AD5691R
External
AD5693
PRODUCT HIGHLIGHTS
1. High Relative Accuracy (INL).
AD5683R/AD5683 (16-bit): ±2 LSB maximum.
2. Low Drift, 2.5 V On-Chip Reference.
2 ppm/°C typical temperature coefficient.
5 ppm/°C maximum temperature coefficient.
3. Two Package Options.
2.00 mm × 2.00 mm, 8-lead LFCSP.
10-lead MSOP.


Similar Part No. - AD5683RARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD568 AD-AD568 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD568 AD-AD568 Datasheet
575Kb / 15P
12-Bit Ultrahigh Speed Monolithic D/A Converter
27-Sep-2017
AD568 AD-AD568 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
6/06-Revision 0
More results

Similar Description - AD5683RARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
Dual, 16-/12-Bit nanoDAC
7/2017-Rev. A to Rev. B
AD5693R AD-AD5693R Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
6/2016-Rev. F to Rev. G
AD5025 AD-AD5025_16 Datasheet
1Mb / 25P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
8/2016-Rev. 0 to Rev. A
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com