Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC4413
4413f
OPERATIO
occurs. During overcurrent operation, the power consump-
tion of the LTC4413 will be large, and is likely to cause an
overtemperature condition as the internal die temperature
exceeds the thermal shutdown temperature.
Overtemperature Protection
The overtemperature condition is detected when the inter-
nal die temperature increases beyond 150°C. An overtem-
perature condition will cause the gate amplifiers (A and B)
as well as the two P-channel MOSFETs (PA and PB) to be
shut off. When the internal die temperature cools to below
140°C, the amplifiers will turn on and revert to normal
operation. Note that prolonged operation under overtem-
perature conditions will degrade reliability.
Channel Selection and Status Output
Two active-high control pins independently turn off the
two ideal diodes contained within the LTC4413, control-
ling the operation mode as described by Table 1. When the
selected channel is reverse biased, or the LTC4413 is put
into low power standby, the status signal indicates this
condition with a low voltage.
Table 1. Mode Control
ENB1
ENB2
STATE
Low
Low
Diode OR (NB: The Two Outputs are Not Connected
Internal to the Device)
Low
High
Diode A = Enabled, Diode B = Disabled
High
Low
Diode A = Disabled, Diode B = Enabled
High
High
All 0ff (Low Power Standby)
Table 2. STAT Output Pin Funtion
ENB1
ENB2
CONDITIONS
STAT
Low
Low
Diode A Forward Bias,
ISNK = 0µA
Diode B Forward Bias
Diode A Forward Bias,
ISNK = 0µA
Diode B Reverse Bias
Diode A Reverse Bias,
ISNK = 9µA
Diode B Forward Bias
Diode A Reverse Bias,
ISNK = 9µA
Diode B Reverse Bias
Low
High
Diode A Forward Bias,
ISNK = 0µA
Diode B Disabled
Diode A Reverse Bias,
ISNK = 9µA
Diode B Disabled
High
Low
Diode A Disabled,
ISNK = 0µA
Diode B Forward Bias
Diode A Disabled
ISNK = 9µA
Diode B Reverse Bias
High
High
Diode A Disabled,
ISNK = 9µA
Diode B Disabled
The function of the STAT pin depends on the mode that has
been selected. The following table describes the STAT pin
output current as a function of the mode selected, as well
as the conduction state of the two diodes.
APPLICATIO S I FOR ATIO
Introduction
The LTC4413 is intended for power control applications
that include low loss diode ORing, fully automatic
switchover from a primary to an auxiliary source of power,
microcontroller controlled switchover from a primary to
an auxiliary source of power, load sharing between two or
more batteries, charging of multiple batteries from a
single charger and high side power switching.
Dual Battery Load Sharing with Automatic Switchover
to a Wall Adapter
An application circuit for dual battery load sharing with
automatic switchover of load from batteries to a wall adapter
is shown in Figure 3. When the wall adapter is not present,
whichever battery that has the higher voltage will provide
the load current until it has discharged to the voltage of the
other battery. The load will then be shared between the two
batteries according to the capacity of each battery. The
higher capacity battery will provide proportionally higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com