Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 1 Page - Linear Technology

  LTC4413 Datasheet HTML 1Page - Linear Technology LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4413
4413f
Dual 2.6A, 2.5V to 5.5V,
Ideal Diodes in 3mm × 3mm DFN
■
2-Channel Ideal Diode ORing or Load Sharing
■ Low Loss Replacement for ORing Diodes
■ Low Forward ON Resistance (100mΩ Max at 3.6V)
■
Low Reverse Leakage Current (1µA Max)
■ Small Regulated Forward Voltage (28mV Typ)
■ 2.5V to 5.5V Operating Range
■
2.6A Maximum Forward Current
■ Internal Current Limit and Thermal Protection
■ Slow Turn-Off to Protect Against Inductive Source
Impedance-Induced Voltage Spiking
■ Low Quiescent Current
■ Status Output to Indicate if Selected Channel is
Conducting
■ Programmable Channel ON/OFF
■ Low Profile (0.75mm) 10-Lead 3mm × 3mm DFN
Package
DESCRIPTIO
FEATURES
The LTC
®4413 contains two monolithic ideal diodes, each
capable of supplying up to 2.6A from input voltages be-
tween 2.5V and 5.5V. Each ideal diode uses a 100mΩ
P-channel MOSFET that independently connects INA to
OUTA and INB to OUTB. During normal forward operation
the voltage drop across each of these diodes is regulated
to as low as 28mV. Quiescent current is less than 40µA for
diode currents up to 1A. If either of the output voltages
exceeds its respective input voltages, that MOSFET is turned
off and less than 1µA of reverse current will flow from OUT
to IN. Maximum forward current in each MOSFET is lim-
ited to a constant 2.6A and internal thermal limiting cir-
cuits protect the part during fault conditions.
Two active-high control pins independently turn off the
two ideal diodes contained within the LTC4413, control-
ling the operation mode as described by Table 3. When the
selected channel is reverse biased, or the LTC4413 is put
into low power standby, a status signal indicates this con-
dition with a low voltage.
A 9µA open-drain STAT pin is used to indicate conduction
status. When terminated to a positive supply through a 470k
resistor, the STAT pin can be used to indicate that the se-
lected diode is conducting with a HIGH voltage. This signal
can also be used to drive an auxiliary P-channel MOSFET
power switch to control a third alternate power source when
the LTC4413 is not conducting forward current.
The LTC4413 is housed in a 10-lead DFN package.
■ Battery and Wall Adapter Diode ORing in Handheld
Products
■ Backup Battery Diode ORing
■ Power Switching
■ USB Peripherals
■ Uninterruptable Supplies
APPLICATIO S
TYPICAL APPLICATIO
ENBA
GND
ENBB
470k
VCC
INA
BAT
10µF
4.7µF
4413 TA01
TO LOAD
STAT IS HIGH WHEN
BAT IS SUPPLYING
LOAD CURRENT
WALL
ADAPTER
(0V TO 5.5V)
OUTA
INB
OUTB
STAT
CONTROL CIRCUIT
LTC4413
VFWD (mV)
0
1000
1500
400
4413 TA01b
500
0
100
200
300
2000
LTC4413
1N5817
LTC4413 vs 1N5817 Schottky
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4413 LINEAR-LTC4413 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4413 LINER-LTC4413 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
logo
Analog Devices
LTC4413 AD-LTC4413 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
More results

Similar Description - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4413-1 LINER-LTC4413-1_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com