Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 5 Page - Linear Technology

  LTC4413 Datasheet HTML 1Page - Linear Technology LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4413
4413f
TYPICAL PERFOR A CE CHARACTERISTICS
VFWD vs ILOAD (VIN = 3.5V)
ENB Turn-On
ENB Turn-Off
ENB Threshold vs Temperature
ENB Hysteresis vs Temperature
–ILEAK vs Temperature at
VREVERSE = 5.5V
ILOAD (mA)
50
100
150
200
300
250
1
100
1000
10000
4413 G10
0
10
120°C
80°C
40°C
0°C
–40°C
20µs/DIV
4413 G12
CH4 = IOUT (200mA/DIV)
CH3 = VOUT (2V/DIV)
CH2 = VSTAT (2V/DIV)
CH1 = VENBA (500mV/DIV)
CH1
CH2
CH3
CH4
TEMPERATURE (°C)
–40
450
500
550
VIH
VIL
120
4413 G13
400
350
300
0
40
80
TEMPERATURE (°C)
–40
0
20
40
60
80
100
120
0
40
80
120
4413 G14
TEMPERATURE (°C)
10E-9
100E-9
1E-6
10E-6
–40
40
80
120
1E-9
0
4413 G15
–ILEAK vs VREVERSE
VREVERSE (V)
10E-9
100E-9
1E-6
10E-6
024
35
1E-9
1
4413 G16
80°C
40°C
0°C
–40°C
400µs/DIV
4413 G11
CH4 = IOUT (500mA/DIV)
CH3 = VOUT (2V/DIV)
CH2 = VSTAT (2V/DIV)
CH1 = VENBA (500mV/DIV)
CH1
CH2
CH3
CH4
CH4
CH3
CH2
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com