Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 3 Page - Linear Technology

  LTC4413 Datasheet HTML 1Page - Linear Technology LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4413
4413f
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 6)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4413 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Quiescent current increases with diode current, refer to plot of IQF
vs IOUT.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions.
Overtemperature protection will become active at a junction temperature
greater than the maximum operating temperature. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 5: This specification is guaranteed by correlation to wafer-level
measurements.
Note 6: Unless otherwise specified, current into a pin is positive and
current out of a pin is negative. All voltages referenced to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Short-Circuit Response
IOC
Current Limit
VINX = 3.6V (Notes 4, 5)
1.8
A
IQOC
Quiescent Current While in
VINX = 3.6V, IOUT = 1.9A (Notes 4, 5)
150
300
µA
Overcurrent Operation
STAT Output
ISOFF
STAT Off Current
Shutdown
●
–1
0
1
µA
ISON
STAT Sink Current
VIN > VOUT, VCTL < VIL, IOUT < IMAX
79
13
µA
tS(ON)
STAT Pin Turn-On Time
1
µs
tS(OFF)
STAT Pin Turn-Off Time
1
µs
ENB Inputs
VENBIH
ENB Inputs Rising Threshold Voltage
VENB Rising
●
540
600
mV
VENBIL
ENB Inputs Falling Threshold Voltage
VENB Falling
●
400
460
mV
VENBHYST
ENB Inputs Hysteresis
VENBHYST = (VENBIH – VENBIL)90
mV
IENB
ENB Inputs Pull-Down Current
VOUT < VIN = 3.6V, VENB > VENBIL
●
1.5
3
4.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com