Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4413
4413f
PI FU CTIO S
INA (Pin 1): Primary Ideal Diode Anode and Positive
Power Supply. Bypass INA with a ceramic capacitor of at
least 1µF. 1Ω snub resistors in series with a capacitor and
higher valued capacitances are recommended when large
inductances are in series with this input. This pin can be
grounded when not used.
ENBA (Pin 2): Enable Low for Diode A. Weak (3µA) pull-
down. Pull this pin high to shut down this power path. Tie
to GND to enable. Refer to Table 1 for mode control
functionality. This pin can be left floating, weak pull-down
internal to the LTC4413.
GND (Pins 3, 11): Power and Signal Ground for the IC. The
Exposed Pad of the package, Pin 11, must be soldered to
PCB ground to provide both electrical contact to ground
and good thermal contact to the PCB.
ENBB (Pin 4): Enable Low for Diode B. Weak (3µA) pull-
down. Pull this pin high to shut down this power path. Tie
to GND to enable. Refer to Table 1 for mode control
functionality. This pin can be left floating, weak pull-down
internal to the LTC4413.
INB (Pin 5): Secondary Ideal Diode Anode and Positive
Power Supply. Bypass INB with a ceramic capacitor of at
least 1µF. 1Ω snub resistors in series with a capacitor and
higher valued capacitances are recommended when large
inductances are in series with this input. This pin can be
grounded when not used.
OUTB (Pin 6): Secondary Ideal Diode Cathode and Output.
Bypass OUTB with a high (1mΩ min) ESR ceramic capaci-
tor of at least 4.7µF. This pin must be left floating when not
in use.
NC (Pin 7): No Internal Connection.
NC (Pin 8): No Internal Connection.
STAT (Pin 9): Status Condition Indicator. Weak (9µA) pull-
down current output. When terminated, STAT = High
indicates diode conducting.
The function of the STAT pin depends on the mode that has
been selected. Table 2 describes the STAT pin output
current as a function of the mode selected as well as the
conduction state of the two diodes. This pin can also be left
floating or grounded.
OUTA (Pin 10): Primary Ideal Diode Cathode and Output.
Bypass OUTA with a high (1mΩ min) ESR ceramic capaci-
tor of at least 4.7µF. This pin must be left floating when not
in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com