Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 4 Page - Linear Technology

  LTC4413 Datasheet HTML 1Page - Linear Technology LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4413
4413f
TYPICAL PERFOR A CE CHARACTERISTICS
IQF vs ILOAD
IQF vs ILOAD
IQF vs Temperature
IOC vs Temperature (VIN = 3.5V)
UVLO Thresholds vs Temperature
RFWD vs VIN at ILOAD = 500mA
RFWD vs Temperature (VIN = 3.5V)
VFWD and RFWD vs ILOAD
VFWD and RFWD vs ILOAD
ILOAD (A)
40
80
120
160
200
100E-6
10E-3
100E-3
10E+0
4413 G01
0
1E-3
1E+0
120°C
80°C
40°C
0°C
–40°C
ILOAD (A)
0
0
40
80
120
160
200
0.50
1
1.50
2
4413 G02
2.50
3
120°C
80°C
40°C
0°C
–40°C
TEMPERATURE (°C)
–40
40
60
120
4413 G03
20
0
0
40
80
80
IQF AT 1A
IQF AT 100mA
TEMPERATURE (°C)
–40
1
2
3
4
0
40
80
120
4413 G04
TEMPERATURE (°C)
–40
2.05
2.10
2.20
80
4413 G05
2.00
1.95
0
40
120
1.90
1.85
2.15
UVLO TURN-ON
UVLO TURN-OFF
VINA (V)
2.5
0
20
40
60
80
120
3.5
4.5
4413 G06
5.5
100
120°C
80°C
–40°C
0°C
40°C
TEMPERATURE (°C)
–60
60
80
100
60
140
4413 G07
40
20
0
–20
20
100
120
140
160
RFWD IOUT = 100mA
RFWD IOUT = 500mA
RFWD IOUT = 1A
IOUT (mA)
0
500
1500
2500
1000
2000
3000
0
50
100
150
200
300
250
VFWD
RFWD
4413 G08
120°C
80°C
40°C
0°C
–40°C
ILOAD (mA)
110
100
1000
10000
0
50
100
150
200
300
250
4413 G09
120°C
80°C
40°C
0°C
–40°C
VFWD
RFWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com