Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 6 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 6 Page - Recom International Power

Back Button RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power RP40Q-RUW Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-6
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP40Q-RUW
Series
PROTECTION
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, hiccup mode, automatic recovery
Over Voltage Protection (OVP)
120-135%, hiccup mode
Over Current Protection (OCP)
120-140%, hiccup mode
Over Temperature Protection (OTP)
+115°C ±5°C
Isolation Voltage (8)
nom. Vin = 110Vin
I/P to O/P
I/P, O/P to Baseplate
rated for 1 minute
rated for 1 minute
3kVAC
1.5kVAC
Isolation Resistance
tested with 500VDC
1G
W min.
Isolation Capacitance
1000pF max.
Leakage Current
2250µA
Insulation Grade
nom. Vin = 110Vin
reinforced
Notes:
Note8: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note9: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: T5A slow blow type
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
refer to thermal calculation
-40°C to +105°C
Maximum Baseplate Temperature
+110°C
Temperature Coefficient
±0.02%/K
Thermal Impedance
vertical direction by natural
convection (0.1m/s)
without Heat-sink
with Heat-sink
6.3K/W
5.0K/W
Operating Humidity
5%-95% RH
Thermal Shock
according to EN61373 standard
Vibration
according to EN61373 standard
Fire Protection on Railway Vehicles
according to EN45545 standard
MTBF
according to MIL-HDBK-217F standard, G.B.
+25°C
+85°C
880 x 103 hours
150 x 103 hours
continued on next page
Thermal Calculation:
R
th =
T
baseplate max - Tamb
P
diss
P
diss =
P
out set
- P
out set
h
T
baseplate max. = baseplate temperature
[°C]
T
amb
= ambient temperature
[°C]
P
out nom.
= nom. output power
[W]
P
out set
= output power set
[W]
P
diss
= internal losses
[W]
R
th
= thermal impedance
[K/W]
h
= efficiency under given operating conditions [%]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com