Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 3 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 3 Page - Recom International Power

  RP40Q-RUW Datasheet HTML 1Page - Recom International Power RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP40Q-RUW
Series
8
6
4
2
7
5
3
1
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
24Vin
36Vin
48Vin
72Vin
110Vin
RP40Q-11005SRW
Power Dissipation vs. Output Current
Power up Start-up Rise Characteristic
ON/OFF Control Start up Rise Characteristic
Typical Output Ripple and Noise/full load
Input Voltage [VDC]
100
0
0.1s
<1s
continuous operation
14.0
16.0
185
160
Input Voltage Range
Continuous full power operation is rated between 16V and 160V,
including full load start-up.
Once running, the converter will operate for short periods of time over
an extended input voltage range down to 14V and up to 185V, thus
covering all EN50155 under-voltage and over-voltage transient
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com