Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 1 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 1 Page - Recom International Power

  RP40Q-RUW Datasheet HTML 1Page - Recom International Power RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
40 Watt
Quarter
Brick
Single Output
RP40Q-RUW
DC/DC Converter
www.recom-power.com
REV.: 0/2018
PB-1
Features
Regulated
Converter
• 12:1 ultra wide input voltage range
• 3kVDC/1 minute reinforced insulation
• High efficiency over entire input voltage range
• -40°C to +85°C temperature range without
cooling or derating
• Output voltage sense and trim
• CE marked
Description
The quarter-brick RP40Q series DC/DC converter is designed for railway rolling stock and high voltage
battery applications. It has a 12:1 input voltage range to cover all input voltages from nominal 24VDC
up to 110VDC in a single product (including EN50155 transients) and offers isolated and
regulated 5V, 12V, 15V, 24V or 48VDC outputs with sense and trim pins. The converter has a
consistently high efficiency over the entire input voltage range and has an operating temperature
range from -40°C to +85°C without forced air cooling or derating. The case is fitted with threaded
inserts for secure mounting in high shock and vibration environments. The converter is CE marked and
comes with a three year warranty.
Ordering Examples
RP40Q-11005SRUW/N = 110V Input Voltage, 5V Output Voltage, Single,negative logic
RP40Q-11048SRUW/P = 110V Input Voltage, 48V Output Voltage, Single, positive logic
RP40Q-11024SRUW/N-HC = 110V Input Voltage, 24V Output Voltage, Single, negative logic and fitted Heat-sink
RP40Q-11015SRUW/P-HC = 110V Input Voltage, 15V Output Voltage, Single, positive logic and fitted Heat-sink
Model Numbering
Notes:
Note3: standard part is with suffix “/N” for negative logic (1=ON, 0=OFF)
or add suffix “/P” for positive logic (0=ON, 1=OFF)
Note4: add suffix “-HC” for screwed Heat-sink
Output Power
Quarter Brick Size
nom. Input Voltage
nom. Output Voltage
RP40Q-__ __ SRUW/N-
Heat-sink Option (4)
CTRL Logic (3)
Railway Ultra Wide Input
Single
Selection Guide
Part Number
Nom. Input
Output
Output
Efficiency
Max. Capacitive
Voltage Range
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[A]
[%]
[µF]
RP40Q-11005SRUW/N(3,4)
16-160
5
8
91
16000
RP40Q-11012SRUW/N(3,4)
16-160
12
3.33
90
2800
RP40Q-11015SRUW/N(3,4)
16-160
15
2.67
90
1800
RP40Q-11024SRUW/N(3,4)
16-160
24
1.67
90
720
RP40Q-11048SRUW/N(3,4)
16-160
48
0.83
89
180
Notes:
Note1: Efficiency is tested at 48Vin and full load at +25°C ambient
Note2: Max. Cap Load is tested at nominal input and full resistive load
IEC/EN62368-1 pending
EN60950-1 pending
EN50155 pending
EN55032
EN55024
CE marked
https://www.recom-power.com/pdf/
Powerline_DC-DC/RSPxxx-168.pdf


Similar Part No. - RP40Q-RUW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-11005SFR(3,4) RECOM-RP40-11005SFR(3,4) Datasheet
586Kb / 11P
1.6kVDC Isolation for 24Vin and 48Vin
RP40-11012DFR(3,4) RECOM-RP40-11012DFR(3,4) Datasheet
586Kb / 11P
1.6kVDC Isolation for 24Vin and 48Vin
RP40-11012SFR(3,4) RECOM-RP40-11012SFR(3,4) Datasheet
586Kb / 11P
1.6kVDC Isolation for 24Vin and 48Vin
RP40-11015DFR(3,4) RECOM-RP40-11015DFR(3,4) Datasheet
586Kb / 11P
1.6kVDC Isolation for 24Vin and 48Vin
RP40-11015SFR(3,4) RECOM-RP40-11015SFR(3,4) Datasheet
586Kb / 11P
1.6kVDC Isolation for 24Vin and 48Vin
More results

Similar Description - RP40Q-RUW

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
40 Watt Dual Output Quarter Brick DC/DC Converter
logo
Recom International Pow...
RP60Q-RUW RECOM-RP60Q-RUW Datasheet
2Mb / 10P
60 Watt Quarter Brick Single Output
logo
DATEL, Inc.
QB45S28-5.4 DATEL-QB45S28-5.4 Datasheet
142Kb / 1P
Quarter-Brick, 150-Watt, 28 Volts Output
QB22S12-12.5 DATEL-QB22S12-12.5 Datasheet
141Kb / 1P
Quarter-Brick, 150-Watt, 12 Volts Output
QBR101S28-2.1 DATEL-QBR101S28-2.1 Datasheet
136Kb / 1P
Quarter-Brick, Railway 60-Watt, 28Volts Output
QBR87S12-4.2 DATEL-QBR87S12-4.2 Datasheet
141Kb / 1P
Quarter-Brick, 50-Watt, 12 Volts Output
QB300S12-12.5 DATEL-QB300S12-12.5 Datasheet
141Kb / 1P
Quarter-Brick, 150-Watt, 12 Volts Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com