Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 8 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 8 Page - Recom International Power

Back Button RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power RP40Q-RUW Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-8
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP40Q-RUW
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
baseplate
case
potting
aluminum
plastic (UL94V-0)
low smoke silicone (UL94V-0)
Dimensions (LxWxH)
without Heat-sink
with Heat-sink
57.9 x 36.8 x 12.7mm
57.9 x 36.8 x 25.4mm
Weight
without Heat-sink
with Heat-sink
64.0g typ.
88.0g typ.
continued on next page
FC 47.24
3.5
FC 50.80
4
3
2
1
1
2
3
5
6
7
8
57.9
2xM3
M3
Bottom View
Top View
Ø1.6±0.10
Ø1.0±0.10
28.9
tc
2.54
8
7
6
5
4
Dimension Drawing (mm)
Recommend Footprint Details
Pin Connections
Pin #
Single
1
+Vin
2
CTRL
3
-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
recommended tightening torque: 0.34Nm
FC= Fixing Centers for Heat-sink
XX.X ± 0.5mm
XX.XX ± 0.25mm
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - Emission
requirements
with external filter
EN55032:2015
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
EN55024:2010 + A1:2015
ESD Electrostatic discharge immunity test
EN61000-4-2:2008
Radiated, radio-frequency, electromagnetic field immunity test
EN61000-4-3:2006 + A2:2010
Fast transient and burst immunity
EN61000-4-4:2012
Surge immunity
EN61000-4-5:2014
Immunity to conducted disturbances, induced by radio-frequency fields
EN61000-4-6:2013
Power magnetic field immunity
EN61000-4-8:2009+F19
Notes:
Note10: An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5
Recom suggests: 2 pcs. 150µF/250V connected in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com