Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 7 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 7 Page - Recom International Power

Back Button RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power RP40Q-RUW Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-7
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP40Q-RUW
Series
Practical Example:
R
th =
T
baseplate max - Tamb
P
diss
R
th =
T
baseplate max - Tamb
P
diss
P
diss =
20
- 20 = 1.98W
0.91
P
diss =
20
- 20 = 1.98W
0.91
T
amb =
97.5°C
T
amb =
100°C
T
baseplate max. = 110°C
P
out nom.
= 40W
P
out set
= 40 x 0.5 = 20W
R
th
= 6.3K/W (vertical)
h
= 91% (Graph)
T
baseplate max. = 110°C
P
out nom.
= 40W
P
out set
= 40 x 0.5 = 20W
R
th
= 5.0K/W (vertical)
h
= 91% (Graph)
Take the
RP40Q-11005SRUW with 48V Input Voltage and 50% load, natural convection 0.1m/s, in vertical application.
What is the maximum ambient operating temperature?
Take the
RP40Q-11005SRUW-HC with 48V Input Voltage, 50% load, natural convection 0.1m/s, in vertical application and Heat-sink.
What is the maximum ambient operating temperature?
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
natural convection 0.1m/s
1m/s
2.5m/s
-40
-20
0
20
40
70
60
85
-30
-10
10
30
50
80 90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
natural convection 0.1m/s
1m/s
2.5m/s
Derating Graph
(@ Chamber - tested with double layer PCB: 160x100mm 105µm Eurocard)
Derating Graph
(@ Chamber - tested with double layer PCB: 160x100mm 105µm Eurocard)
6.3 =
110 - T
amb
1.98
5.0 =
110 - T
amb
1.98
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment.
Safety requirements
pending
EN62368-1:2014 + A11:2017
IEC62368-1:2014 2nd Edition
Information technology equipment - General requirements for safety
pending
EN60950-1:2006 + A2:2013
Railway applications - Electrical equipment used on rolling stock
pending
EN50155, 1st Edition, 2007
RoHS 2+
RoHS 2011/65/EU + AM2015/863
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com