Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP40Q-RUW Datasheet(PDF) 4 Page - Recom International Power

Part # RP40Q-RUW
Description  40 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40Q-RUW Datasheet(HTML) 4 Page - Recom International Power

  RP40Q-RUW Datasheet HTML 1Page - Recom International Power RP40Q-RUW Datasheet HTML 2Page - Recom International Power RP40Q-RUW Datasheet HTML 3Page - Recom International Power RP40Q-RUW Datasheet HTML 4Page - Recom International Power RP40Q-RUW Datasheet HTML 5Page - Recom International Power RP40Q-RUW Datasheet HTML 6Page - Recom International Power RP40Q-RUW Datasheet HTML 7Page - Recom International Power RP40Q-RUW Datasheet HTML 8Page - Recom International Power RP40Q-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP40Q-RUW
Series
OUTPUT VOLTAGE TRIMMING
continued on next page
RP40Q-xx05SRW
RP40Q-xx15SRW
RP40Q-xx12SRW
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
[VDC]
R
up (E96) ≈
1M58
806k
536k
402k
324k
247k
237k
205k
187k
169k
[
W]
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
[VDC]
R
up (E96) ≈
5M76
2M94
1M96
1M47
1M21
1M02
866k
768k
698k
619k
[
W]
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
[VDC]
R
up (E96) ≈
4M53
2M26
1M54
1M15
931k
787k
681k
604k
536k
487k
[
W]
Output Voltage Trimming
It allows the user to increase or decrease the output voltage of the module. This is accomplished by connecting an external resistor between the Trim pin and
either the +Sense or -Sense pins. With an external resistor between the Trim and +Sense pin, the output voltage increases. With an external resistor between
the Trim and -Sense pin, the output voltage decreases. The external Trim resistor needs to be at least 1/8W of rated. The values for trim resistors shown in trim
tables below are according to standard E96 values; therefore, the specified voltage may slightly vary.
Rup
Trim
+Sense
-Sense
Trim
Rdown
Trim up
Trim down
Vout
nom
R
1
R
2
R
3
V
ref
5VDC
10k2
W
511k
W
5k11
1.225VDC
12VDC
15VDC
24VDC
48VDC
Practical Example RP60Q-xx05SRW +10% / -10%
Calculation:
R
up according to E96 ≈ 169kW
R
down according to E96 ≈ 41k2W
R
up =
5k11 x 5 x (100 + 10)
-
(10k2 x 10) + 511k
=
168k
W
1.225 x 10
10
R
up =
R
3 x Voutnom x (100 + DVout )
-
(R
1 x DVout) + R2
V
ref x DVout
DVout
R
down =
R
2
- R
1
DVout
R
down =
511k
- 10k2 =
40k9
W
10
Vout
nom
= nominal output voltage
[VDC]
DVout
= output voltage change
[%]
V
ref
= reference voltage
[VDC]
R
up
= trim up resistor
[
W]
R
down
= trim down resistor
[
W]
R
1,R2,R3
= internal resistors
[
W]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com