Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9858 Datasheet HTML 4Page - Analog Devices AD9858 Datasheet HTML 5Page - Analog Devices AD9858 Datasheet HTML 6Page - Analog Devices AD9858 Datasheet HTML 7Page - Analog Devices AD9858 Datasheet HTML 8Page - Analog Devices AD9858 Datasheet HTML 9Page - Analog Devices AD9858 Datasheet HTML 10Page - Analog Devices AD9858 Datasheet HTML 11Page - Analog Devices AD9858 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9858
Rev. A | Page 8 of 32
PIN FUNCTION DESCRIPTIONS
Table 4. Pin Function Descriptions—100-Lead EPAD (SV-100)
Pin No.
Mnemonic
I/O
Description
1 to 4, 9 to 12
D7 to D0
I
Parallel Port DATA. Note that the functionality of these pins is valid only when the I/O port is
configured as a parallel port.
5, 6, 21, 28, 95, 96
DGND
Digitial Ground.
7, 8, 20,
23 to 27, 93, 94
DVDD
Digital Supply Voltage.
13 to 18
ADDR5 to
ADDR0
I
When the I/O port is configured as a parallel port, these pins serve as a 6-bit address select
for accessing the on-chip registers (see the IORESET, SDO, and SDIO pins below for serial
port mode).
16
IORESET
I
Note that this is valid only for serial programming mode. Active high input signal that resets the
serial I/O bus controller. It is intended to serve as a means of recovering from an unresponsive
serial bus caused by improper programming protocol. Asserting an I/O reset does not affect the
contents of previously programmed registers nor does it invoke their default values.
17
SDO
O
Note that this is valid only for serial programming mode. When operating the I/O port as a
3-wire serial port, this pin serves as a unidirectional serial data output pin. When operated as a
2-wire serial port, this pin is unused.
18
SDIO
I or
I/O
Note that this is valid only for serial programming mode. When operating the I/O port as a
3-wire serial port, this pin is the serial data input. When operated as a 2-wire serial port, this pin
is the bidirectional serial data pin.
19
WR/SCLK
I
When the I/O port is configured for parallel programming mode, this pin functions as an active
low write pulse (WR). When configured for serial programming mode, this pin functions as the
serial data clock (SCLK).
22
RD/CS
I
When the I/O port is configured for parallel programming mode, this pin functions as an active
low read pulse (RD). When configured for serial programming mode, this pin functions as an
active low chip select (CS) that allows multiple devices to share the serial bus.
29, 30, 37 to 39,
41, 42, 49, 50,
52, 69, 74, 80, 85,
87, 88
AGND
I
Analog Ground.
31, 32, 35, 36,
40, 43, 44, 47,
48, 51, 70, 73,
77, 86, 89, 90
AVDD
I
Analog Supply Voltage.
33
REFCLK
I
Reference Clock Complementary Input. (Note that when the REFCLK port is operated in single-
ended mode, REFCLK should be decoupled to AVDD with a 0.1 µF capacitor.
34
REFCLK
I
Reference Clock Input.
45
LO
I
Mixer Local Oscillator (LO) Complementary Input. Note that when the LO port is operated in
single-ended mode, LO should be decoupled to AVDD with a 0.1 µF capacitor.
46
LO
I
Mixer Local Oscillator (LO) Input.
53
RF
I
Analog Mixer RF Complementary Input. Note that when the RF port is operated in single-ended
mode, RF should be decoupled to AVDD with a 0.1 µF capacitor.
54
RF
I
Analog Mixer RF Input.
55
IF
O
Analog Mixer IF Output.
56
IF
O
Analog Mixer IF Complementary Output.
57
PFD
I
Phase Frequency Detector Complementary Input . Note that when the PFD port is operated in
single-ended mode, PFD should be decoupled to AVDD with a 0.1 µF capacitor.
58
PFD
I
Phase Frequency Detector Input.
59, 60, 75, 76
NC
No Connection.
61
CPISET
I
Charge Pump Output Current Control. A resistor connected from CPISET to CPGND establishes
the reference current for the charge pump.
62, 67
CPVDD
I
Charge Pump Supply Voltage.
63, 68
CPGND
I
Charge Pump Ground.
64
CPFL
O
Charge Pump Fast Lock Output.
65, 66
CP
O
Charge Pump Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com