Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9858 Datasheet HTML 18Page - Analog Devices AD9858 Datasheet HTML 19Page - Analog Devices AD9858 Datasheet HTML 20Page - Analog Devices AD9858 Datasheet HTML 21Page - Analog Devices AD9858 Datasheet HTML 22Page - Analog Devices AD9858 Datasheet HTML 23Page - Analog Devices AD9858 Datasheet HTML 24Page - Analog Devices AD9858 Datasheet HTML 25Page - Analog Devices AD9858 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9858
Rev. A | Page 22 of 32
A3
A1
A2
D3
D1
D2
TWRHIGH
TWRLOW
TAHD
TDHD
TDOU
TASU
TWR
TASU
TDOU
TADH
TDHD
TWRLOW
TWRHIGH
TWR
SPECIFICATION
3ns
3.5ns
0ns
0ns
3ns
6ns
9ns
VALUE
ADDRESS SETUP TIME TO WR SIGNAL ACTIVE
DATA SETUP TIME TO WR SIGNAL INACTIVE
ADDRESS HOLD TIME TO WR SIGNAL INACTIVE
DATA HOLD TIME TO WR SIGNAL INACTIVE
WR SIGNAL MINIMUM LOW TIME
WR SIGNAL MINIMUM HIGH TIME
WR SIGNAL MINIMUM PERIOD
DESCRIPTION
D<7:0>
A<5:0>
WR
Figure 35. I/O Port Write Cycle Timing (Parallel)
A3
A1
A2
D3
D1
D2
TRDHOZ
TRDLOV
TADV
TAHD
TASU
TADH
TRDLOV
TRDHOZ
SPECIFICATION
15ns
5ns
15ns
10ns
VALUE
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
DESCRIPTION
D<7:0>
A<5:0>
RD
Figure 36. I/O Port Read Cycle Timing (Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com