Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9858 Datasheet HTML 24Page - Analog Devices AD9858 Datasheet HTML 25Page - Analog Devices AD9858 Datasheet HTML 26Page - Analog Devices AD9858 Datasheet HTML 27Page - Analog Devices AD9858 Datasheet HTML 28Page - Analog Devices AD9858 Datasheet HTML 29Page - Analog Devices AD9858 Datasheet HTML 30Page - Analog Devices AD9858 Datasheet HTML 31Page - Analog Devices AD9858 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9858
Rev. A | Page 30 of 32
EVALUATION BOARDS
The AD9858 has three different evaluation board designs. The
first design is the traditional DDS evaluation board. In this
design, the DDS is clocked and the output is taken directly from
the DAC. The analog mixer and PLL blocks are made available
for separate evaluation.
The second design is a fractional-divide loop. This evaluation
board was designed to incorporate the DDS, the phase-detector,
and the charge pump. In this application, the DDS is used in a
PLL loop. Unlike a fixed divider used in traditional PLL loops,
the output signal is divided and fed back to the phase detector
by the DDS. To do this, the output signal of the PLL loop is fed
to the DDS as REFCLK. The DDS is programmed to match the
reference input frequency. Because the DDS output frequency
can take on 232 potential values between 0 Hz and one half of
the PLL loop output frequency, this enables frequency
resolution on the order of 470 MHz, assuming a PLL loop
output frequency of 2 GHz.
The third design is a translation loop or offset loop. In this
design, the RF mixer is incorporated into the feedback path of
the loop. This allows direct up-conversion to the transmission
frequency.
The three evaluation boards have separate schematics, BOMS,
and instructions. See www.analog.com/dds for more
information.
Table 13.
Part Number
Description
AD9858PCB
AD9858 Frequency Synthesizer Board
AD9858FDPCB
AD9858 Fractional-Divide Loop Frequency
Synthesizer Board
AD9858TLPCB
AD9858 Translation Loop Frequency
Synthesizer Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com