Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9858 Datasheet HTML 19Page - Analog Devices AD9858 Datasheet HTML 20Page - Analog Devices AD9858 Datasheet HTML 21Page - Analog Devices AD9858 Datasheet HTML 22Page - Analog Devices AD9858 Datasheet HTML 23Page - Analog Devices AD9858 Datasheet HTML 24Page - Analog Devices AD9858 Datasheet HTML 25Page - Analog Devices AD9858 Datasheet HTML 26Page - Analog Devices AD9858 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9858
Rev. A | Page 23 of 32
Serial Programming Mode
In serial programming mode, the I/O port uses a chip select pin
(CS), a serial clock pin (SCLK), an I/O reset pin (IORESET),
and either 1 or 2 serial data pins (SDIO and/or SDO). The
number of serial data pins used depends on the configuration
of the I/O port; i.e., whether it has been configured for 2-wire or
3-wire serial operation as defined by the control function
register. In 2-wire mode, the SDIO pin operates as a
bidirectional serial data pin. In 3-wire mode, the SDIO pin
operates only as a serial data input pin, and the SDO pin acts as
the serial output. The maximum rate of SCLK is 10 MHz;
however, during read operation, the 10 MHz rate is not
guaranteed.
The serial port is an SPI compatible serial interface and its
operation is virtually identical to that of the AD9852/AD9854.
Serial port communication occurs in two phases. Phase 1 is an
instruction cycle consisting of an 8-bit word. The MSB of the
instruction byte flags the ensuing operation as a read or write
operation. The 6 LSBs define the serial address of the target
register as defined in the register map. The instruction byte
format is given in Table 5.
Table 5.
D7 (MSB)
D6
D5
D4
D3
D2
D1
DO (LSB)
1: Read
0: Write
X
A5
A4
A3
A2
A1
A0
Phase 2 of a serial port communication contains the data to be
routed to/from the addressed register. The number of bytes
transferred during Phase 2 depends on the length of the target
register. Serial operation requires that all bits associated with a
serial register address be transferred.
Both phases of a serial port communication require the serial
data clock (SCLK) to be operating. When writing to the device,
serial bits are transferred on the rising edge of SCLK. When
reading from the device, serial output bits are transferred on the
falling edge of SCLK. The bit order for both phases of a serial
port communication is selectable via the control function
register.
The CS pin serves as a chip select control line. When CS is at a
Logic 1 state, the SDO and SDIO pins are disabled (forced into a
high impedance state). Only when the CS pin is at a Logic 0
state are the SDO and SDIO pins active. This allows multiple
devices to exist on a single serial bus. If multiple devices are
connected to the same serial bus, then communication with a
single device is accomplished by setting CS to a Logic 0 state on
the target device, but to a Logic 1 state on all other devices. In
this way, serial communication occurs only between the
controller and the target device.
In the case where I/O synchronization is lost between the
AD9858 and the external controller, the IORESET pin provides
a means to re-establish synchronization without initializing the
entire device. Asserting the active high IORESET pin resets the
serial port state machine. This terminates the current I/O
operation and puts the device into a state in which the next
eight SCLK pulses are expected to be the instruction byte of the
next I/O transfer. Note that any information previously written
to the memory registers during the last valid communication
cycle prior to loss of synchronization remains intact.
Register Map
The registers are listed in Table 6. The serial address and parallel
address numbers associated with each of the registers are shown
in hexadecimal format. Angle brackets <> are used to reference
specific bits or ranges of bits. For example, <3> designates Bit 3,
while <7:3> designates the range of bits from 7 down to 3,
inclusive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com