Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 1 Page - Analog Devices

  AD9858 Datasheet HTML 1Page - Analog Devices AD9858 Datasheet HTML 2Page - Analog Devices AD9858 Datasheet HTML 3Page - Analog Devices AD9858 Datasheet HTML 4Page - Analog Devices AD9858 Datasheet HTML 5Page - Analog Devices AD9858 Datasheet HTML 6Page - Analog Devices AD9858 Datasheet HTML 7Page - Analog Devices AD9858 Datasheet HTML 8Page - Analog Devices AD9858 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 GSPS
Direct Digital Synthesizer
AD9858
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
1 GSPS internal clock speed
Up to 2 GHz input clock (selectable divide-by-2)
Integrated 10-bit D/A converter
Phase noise < 145 dBc/Hz @ 1 kHz offset
Output frequency = 100 MHz (DAC output)
32-bit programmable frequency register
Simplified 8-bit parallel and SPI® serial control interface
Automatic frequency sweeping capability
4 frequency profiles
3.3 V power supply
Power dissipation 2 W typical
Integrated programmable charge pump and phase
frequency detector with fast lock circuit
Isolated charge pump supply up to 5 V
Integrated 2 GHz mixer
APPLICATIONS
VHF/UHF LO synthesis
Tuners
Instrumentation
Agile clock synthesis
Cellular base station hopping synthesizer
Radar
Sonet/SDH clock synthesis
GENERAL DESCRIPTION
The AD9858 is a direct digital synthesizer (DDS) featuring a
10-bit DAC operating up to 1GSPS. The AD9858 uses advanced
DDS technology, coupled with an internal high speed, high
performance D/A converter to form a digitally programmable,
complete high frequency synthesizer capable of generating a
frequency-agile analog output sine wave at up to 400+ MHz.
The AD9858 is designed to provide fast frequency hopping and
fine tuning resolution (32-bit frequency tuning word). The
frequency tuning and control words are loaded into the AD9858
via parallel (8-bit) or serial loading formats. The AD9858
contains an integrated charge pump (CP) and phase frequency
detector (PFD) for synthesis applications requiring the
combination of a high speed DDS along with phase-locked loop
(PLL) functions. An analog mixer is also provided on-chip for
applications requiring the combination of a DDS, PLL, and
mixer, such as frequency translation loops, tuners, and so on.
The AD9858 also features a divide-by-2 on the clock input,
allowing the external clock to be as high as 2 GHz.
The AD9858 is specified to operate over the extended industrial
temperature range of –40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ANALOG
MULTIPLIER
PHASE
ACCUMULATOR
DIV
LO
IF
RF
PD
CP
CPISET
RESET
DACISET
IOUT
IOUT
FUD
SYNCLK
REFCLK
REFCLK
PROFILE
SELECT
I/O PORT
(SER/PAR)
DIGITAL PLL
DAC
DAC CLOCK
CHARGE
PUMP
POWER-
DOWN
LOGIC
PHASE
DETECTOR
TIMING AND CONTROL LOGIC
PHASE-TO-
AMPLITUDE
CONVERSION
÷ M
÷ 8
÷ 2
CONTROL REGISTERS
÷ N
AD9858
15
FREQUENCY
ACCUMULATOR
32
32
14
32
15
10
M
U
X
Figure 1.


Similar Part No. - AD9858

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9858 AD-AD9858 Datasheet
837Kb / 32P
1 GSPS Direct Digital Synthesizer
Rev. C
AD9858/FDPCB AD-AD9858/FDPCB Datasheet
837Kb / 32P
1 GSPS Direct Digital Synthesizer
Rev. C
AD9858/PCBZ AD-AD9858/PCBZ Datasheet
837Kb / 32P
1 GSPS Direct Digital Synthesizer
Rev. C
AD9858/TLPCBZ AD-AD9858/TLPCBZ Datasheet
837Kb / 32P
1 GSPS Direct Digital Synthesizer
Rev. C
More results

Similar Description - AD9858

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com