Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9858 Datasheet HTML 10Page - Analog Devices AD9858 Datasheet HTML 11Page - Analog Devices AD9858 Datasheet HTML 12Page - Analog Devices AD9858 Datasheet HTML 13Page - Analog Devices AD9858 Datasheet HTML 14Page - Analog Devices AD9858 Datasheet HTML 15Page - Analog Devices AD9858 Datasheet HTML 16Page - Analog Devices AD9858 Datasheet HTML 17Page - Analog Devices AD9858 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9858
Rev. A | Page 14 of 32
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
900
675
450
225
1125
REF CLOCK (MHz)
Figure 27. Supply Current vs. REFCLK (FOUT = REFCLK/5)
600
3.1V
3.3V
3.5V
500
300
400
200
100
0
0
70
140
210
280
350
420
FOUT (MHz)
Figure 28. Supply Current vs. FOUT (1 GHz REFCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com