Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5664BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output,
Quad, 12-/16-Bit nanoDACs
Data Sheet
AD5624/AD5664
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power, quad nanoDACs
AD5664: 16 bits
AD5624: 12 bits
Relative accuracy: ±12 LSBs max
Guaranteed monotonic by design
10-lead MSOP and 3 mm × 3 mm LFCSP_WD
2.7 V to 5.5 V power supply
Power-on reset to zero
Per channel power-down
Serial interface, up to 50 MHz
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
SCLK
SYNC
DIN
INPUT
REGISTER
DAC
REGISTER
VDD
GND
POWER-ON
RESET
STRING
DAC A
BUFFER
VREF
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
AD5624/AD5664
POWER-DOWN
LOGIC
Figure 1.
GENERAL DESCRIPTION
The AD5624/AD5664, members of the nanoDAC® family, are
low power, quad, 12-, 16-bit buffered voltage-out DACs that
operate from a single 2.7 V to 5.5 V supply and are guaranteed
monotonic by design.
The AD5624/AD5664 require an external reference voltage to
set the output range of the DAC. The device incorporates a
power-on reset circuit that ensures the DAC output powers up
to 0 V and remains there until a valid write takes place. The
devices contain a power-down feature that reduces the current
consumption of the device to 480 nA at 5 V and provides
software-selectable output loads while in power-down mode.
The low power consumption of these devices in normal
operation makes them ideally suited to portable battery-
operated equipment. The power consumption is 2.25 mW at 5
V, going down to 2.4 μW in power-down mode.
The AD5624/AD5664 on-chip precision output amplifier allows
rail-to-rail output swing to be achieved.
The AD5624/AD5664 use a versatile 3-wire serial interface that
operates at clock rates up to 50 MHz, and are compatible with
standard SPI®, QSPI™, MICROWIRE™, and DSP interface
standards.
PRODUCT HIGHLIGHTS
1.
Relative accuracy: ±12 LSBs maximum.
2.
Available in 10-lead MSOP and 10-lead, 3 mm × 3 mm,
LFCSP_WD.
3.
Low power, typically consumes 1.32 mW at 3 V and
2.25 mW at 5 V.
4.
Maximum settling time of 4.5 μs (AD5624) and 7 μs
(AD5664).
Table 1. Related Devices
Part No.
Description
AD5624R/AD5644R/AD5664R
2.7 V to 5.5 V quad, 12-, 14-,
16-bit DACs with internal
reference


Similar Part No. - AD5664BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664BCPZ-REEL7 AD-AD5664BCPZ-REEL7 Datasheet
639Kb / 24P
2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/06-Revision 0
More results

Similar Description - AD5664BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Analog Devices
AD5624 AD-AD5624 Datasheet
639Kb / 24P
2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/06-Revision 0
logo
Linear Technology
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_09 Datasheet
251Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
logo
Linear Technology
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com