Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5664BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
AD5624/AD5664
Rev. A | Page 17 of 23
SOFTWARE RESET
The AD5624/AD5664 contain a software reset function.
Command 110 is reserved for the software reset function (see
Table 7). The software reset command contains two reset modes
that are software programmable by setting Bit DB0 in the control
register. Table 9 shows how the state of the bit corresponds to
the software reset modes of operation of the devices.
Table 9. Software Reset Modes for the AD5624/AD5664
DB0
Registers Reset to Zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
POWER-DOWN MODES
The AD5624/AD5664 contain four separate modes of operation.
Command 100 is reserved for the power-down function (see
Table 7). These modes are software programmable by setting two
bits (DB5 and DB4) in the control register. Table 10 shows how
the state of the bits corresponds to the mode of operation of the
device. All DACs (DAC D to DAC A) can be powered down to
the selected mode by setting the corresponding four bits (DB3,
DB2, DB1, and DB0) to 1. By executing the same Command 100,
any combination of DACs is powered up by setting Bit DB5 and
Bit DB4 to normal operation mode. To select which combination
of DAC channels to power-up, set the corresponding four bits
(DB3, DB2, DB1, and DB0) to 1. See Table 11 for contents of the
input shift register during the power-down/power-up operation.
Table 10. Modes of Operation for the AD5624/AD5664
DB5
DB4
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
When both bits are set to 0, the devices work normally with
their normal power consumption of 450 μA at 5 V. However, for
the three power-down modes, the supply current falls to 480 nA
at 5 V (200 nA at 3 V). Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This allows
the output impedance of the device to be known while the
device is in power-down mode.
The outputs can either be connected internally to GND through
a 1 kΩ or 100 kΩ resistor, or left open circuited (three-state)
(see Figure 35).
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 35. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are shut down when power-down
mode is activated. However, the contents of the DAC register
are unaffected when in power-down. The time to exit power-down
is typically 4 μs for VDD = 5 V and for VDD = 3 V (see Figure 22).
Table 11. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation
DB23 to
DB22
(MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15
to DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
x
1
0
0
x
x
x
x
PD1
PD0
DAC D
DAC C
DAC B
DAC A
Don’t care
Command bits (C2 to
C0)
Address bits (A2 to A0);
don’t care
Don’t
care
Power-down
mode
Power-down/power-up channel
selection, set bit to 1 to select channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com