Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5664BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
AD5624/AD5664
Data Sheet
Rev. A | Page 18 of 23
LDAC FUNCTION
The AD5624/AD5664 DACs have double buffered interfaces
consisting of two banks of registers: input registers and DAC
registers. The input registers are connected directly to the input
shift register and the digital code is transferred to the relevant
input register on completion of a valid write sequence. The
DAC registers contain the digital code used by the resistor strings.
The double buffered interface is useful if the user requires
simultaneous updating of all DAC outputs. The user can write
to three of the input registers individually and then write to the
remaining input register and update all DAC registers, the outputs
update simultaneously. Command 010 is reserved for this
software LDAC.
Access to the DAC registers is controlled by the LDAC function.
The LDAC registers contain two modes of operation for each
DAC channel. The DAC channels are selected by setting the bits
of the 4-bit LDAC register (DB3, DB2, DB1, and DB0).
Command 110 is reserved for setting up the LDAC register.
When the LDAC bit register is set low, the corresponding DAC
registers are latched and the input registers can change state
without affecting the contents of the
DAC registers. When the LDAC bit register is set high, however,
the DAC registers become transparent and the contents of the
input registers are transferred to them on the falling edge of the
24th SCLK pulse. This is equivalent to having an LDAC hardware
pin tied permanently low for the selected DAC channel, that is,
synchronous update mode. See Table 12 for the LDAC register
mode of operation. See Table 13 for contents of the input shift
register during the LDAC register set up command.
This flexibility is useful in applications where the user wants to
update select channels simultaneously, while the rest of the
channels update synchronously.
Table 12. LDAC Register Mode of Operation
Load DAC Register
LDAC Bits (DB3 to DB0)
LDAC Mode of Operation
0
Normal operation (default), DAC
register update is controlled by write
command.
1
The DAC registers are updated after
new data is read in on the falling
edge of the 24th SCLK pulse.
Table 13. 24-Bit Input Shift Register Contents for LDAC Setup Command for the AD5624/AD5664
DB23 to DB22 (MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB4
DB3
DB2
DB1
DB0 (LSB)
x
1
1
0
x
x
x
x
DACD
DACC
DACB
DACA
Don’t care
Command bits (C2 to C0)
Address bits (A3 to A0);
don’t care
Don’t care
Set bit to 0 or 1 for required mode
of operation on respective channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com