Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5664BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
AD5624/AD5664
Data Sheet
Rev. A | Page 20 of 23
APPLICATIONS INFORMATION
CHOOSING A REFERENCE FOR THE AD5624/AD5664
To achieve the optimum performance from the AD5624/
AD5664, give thought to the choice of a precision voltage
reference. The AD5624/AD5664 have only one reference input,
VREF. The voltage on the reference input is used to supply the
positive input to the DAC. Therefore, any error in the reference
is reflected in the DAC.
When choosing a voltage reference for high accuracy applica-
tions, the sources of error are initial accuracy, ppm drift, long
term drift, and output voltage noise. Initial accuracy on the
output voltage of the DAC leads to a full-scale error in the DAC.
To minimize these errors, a reference with high initial accuracy
is preferred. Choosing a reference with an output trim adjustment,
such as the ADR423, allows a system designer to trim out system
errors by setting a reference voltage to a voltage other than the
nominal. The trim adjustment can also be used at temperature
to trim out any error.
Long term drift is a measurement of how much the reference
drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable during its entire lifetime.
The temperature coefficient of a reference’s output voltage affects
INL, DNL, and TUE. Choose a reference with a tight temperature
coefficient specification to reduce temperature dependence of the
DAC output voltage in ambient conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered. It
is important to choose a reference with as low an output noise
voltage as practical for the system noise resolution required.
Precision voltage references such as the ADR425 produce low
output noise in the 0.1 Hz to10 Hz range. Examples of recom-
mended precision references for use as supply to the AD5624/
AD5664 are shown in the Table 14.
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5624/AD5664
Because the supply current required by the AD5624/AD5664 is
extremely low, an alternative option is to use a voltage reference
to supply the required voltage to the device (see Figure 40). This
is especially useful if the power supply is quite noisy, or if the
system supply voltages are at some value other than 5 V or 3 V,
for example, 15 V. The voltage reference outputs a steady supply
voltage for the AD5624/AD5664 (see Table 14 for a suitable
reference). If the low dropout REF195 is used, it must supply
450 μA of current to the AD5624/AD5664, with no load on the
output of the DAC. When the DAC output is loaded, the REF195
also needs to supply the current to the load. The total current
required (with a 5 kΩ load on the DAC output) is
450 μA + (5 V/5 kΩ) = 1.45 mA
The load regulation of the REF195 is typically 2 ppm/mA, which
results in a 2.9 ppm (14.5 μV) error for the 1.45 mA current
drawn from it. This corresponds to a 0.191 LSB error.
AD5624/
AD5664
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
500mA
VOUT = 0V TO 5V
VDD
REF195
VREF
Figure 40. REF195 as Power Supply to the AD5624/AD5664
Table 14. Partial List of Precision References for Use with the AD5624/AD5664
Part No.
Initial Accuracy (mV max)
Temp Drift (ppm
°C max)
0.1 Hz to 10 Hz Noise (µV p-p typ)
VOUT (V)
ADR425
±2
3
3.4
5
ADR395
±6
25
5
5
REF195
±2
5
50
5
AD780
±2
3
4
2.5/3
ADR423
±2
3
3.4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com