Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5664BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AD5624/AD5664
Data Sheet
Rev. A | Page 14 of 23
Digital Crosstalk
This is the glitch impulse transferred to the output of one DAC
at midscale in response to a full-scale code change (all 0s to all
1s and vice versa) in the input register of another DAC. It is
measured in standalone mode and is expressed in nV-s.
Analog Crosstalk
This is the glitch impulse transferred to the output of one DAC
due to a change in the output of another DAC. It is measured by
loading one of the input registers with a full-scale code change
(all 0s to all 1s and vice versa). Then execute a software LDAC
and monitor the output of the DAC whose digital code was
not changed. The area of the glitch is expressed in nV-s (see
Figure 24).
DAC-to-DAC Crosstalk
This is the glitch impulse transferred to the output of one DAC
due to a digital code change and subsequent analog output change
of another DAC. It is measured by loading the attack channel
with a full-scale code change (all 0s to all 1s and vice versa) using
the command write to and update while monitoring the output of
the victim channel that is at midscale. The energy of the glitch is
expressed in nV-s.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output. The multiplying bandwidth is the frequency at which
the output amplitude falls to 3 dB below the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com