Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5664BCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5664BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664BCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5664BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5664BCPZ-R2 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
AD5624/AD5664
Rev. A | Page 21 of 23
BIPOLAR OPERATION USING THE AD5624/AD5664
The AD5624/AD5664 have been designed for single supply
operation, but a bipolar output range is also possible using the
circuit in Figure 41. The circuit gives an output voltage range of
±5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
R1
R2
R1
R2
R1
536
,
65
DD
DD
O
V
D
V
V
where D represents the input code in decimal (0 to 65536).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
3-WIRE
SERIAL
INTERFACE
R2 = 10k
Ω
+5V
–5V
AD820/
OP295
+5V
AD5624/
AD5664
VDD
VOUT
R1 = 10k
Ω
±5V
0.1µF
10µF
Figure 41. Bipolar Operation with the AD5624/AD5664
USING AD5624/AD5664 WITH A GALVANICALLY
ISOLATED INTERFACE
In process control applications in industrial environments, it is
often necessary to use a galvanically isolated interface to protect
and isolate the controlling circuitry from any hazardous common-
mode voltages that might occur in the area where the DAC is
functioning. Isocouplers provide isolation in excess of 3 kV. The
AD5624/AD5664 use a 3-wire serial logic interface, so the
ADuM130x 3-channel digital isolator provides the required
isolation (see Figure 42). The power supply to the device also
needs to be isolated, which is done by using a transformer. On
the DAC side of the transformer, a 5 V regulator provides the
5 V supply required for the AD5624/AD5664.
0.1µF
5V
REGULATOR
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5624/
AD5664
VOUT
VOB
VOA
VOC
VDD
V1C
V1B
V1A
ADuM1300
Figure 42. AD5624/AD5664 with a Galvanically Isolated Interface
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to consider
carefully the power supply and ground return layout on the
board. The printed circuit board containing the AD5624/AD5664
has separate analog and digital sections, each having its own
area of the board. If the AD5624/AD5664 is in a system where
other devices require an AGND-to-DGND connection, make the
connection at one point only. This ground point must be as
close as possible to the AD5624/AD5664.
The power supply to the AD5624/AD5664 must be bypassed with
10 µF and 0.1 µF capacitors. The capacitors must be located as close
as possible to the device, with the 0.1 µF capacitor ideally right up
against the device. The 10 µF capacitor is the tantalum bead type.
It is important that the 0.1 µF capacitor has low effective series
resistance (ESR) and effective series inductance (ESI), for
example, common ceramic types of capacitors. This 0.1 µF
capacitor provides a low impedance path to ground for high
frequencies caused by transient currents due to internal logic
switching.
The power supply line itself has as large a trace as possible to
provide a low impedance path and to reduce glitch effects on
the supply line. Clocks and other fast switching digital signals
must be shielded from other parts of the board by digital ground.
Avoid crossover of digital and analog signals if possible. When
traces cross on opposite sides of the board, ensure they run at
right angles to each other to reduce feedthrough effects through the
board. The best board layout technique is the microstrip
technique where the component side of the board is dedicated
to the ground plane only and the signal traces are placed on the
solder side. This is not always possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com