Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 71421LA55PFG8 Datasheet HTML 10Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 11Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 12Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 13Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 14Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 15Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 16Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 17Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
16
beingexpandedindepth,thentheBUSYindicationfortheresultingarray
does not require the use of an external AND gate.
Widt h Ex pa nsion w it h Busy Logic
M a st e r/Slave Ar ra ys
WhenexpandinganSRAMarrayinwidthwhileusingBUSYlogic,one
master part is used to decide which side of the SRAM array will receive
a BUSY indication, and to output that indication. Any number of slaves to
be addressed in the same address range as the master, use the BUSY
signal as a write inhibit signal. Thus on the IDT71321/IDT71421 SRAMs
the BUSY pin is an output if the part is Master (IDT71321), and theBUSY
pin is an input if the part is a Slave (IDT71421) as shown in Figure 3.
Iftwoormoremasterpartswereusedwhenexpandinginwidth,asplit
decision could result with one master indicating BUSY on one side of the
arrayandanothermasterindicatingBUSY ononeothersideofthearray.
Thiswouldinhibitthewriteoperationsfromoneportforpartofawordand
inhibitthewriteoperationsfromtheotherportfortheotherpartoftheword.
The BUSY arbitration, on a Master, is based on the chip enable and
address signals only. It ignores whether an access is a read or write. In
a master/slave array, both address and chip enable must be valid long
enoughforaBUSYflagtobeoutputfromthemasterbeforetheactualwrite
pulsecanbeinitiatedwitheithertheR/Wsignalorthebyteenables. Failure
toobservethistimingcanresultinaglitchedinternalwriteinhibitsignaland
corrupted data in the slave.
Func t iona l De sc ript ion
The IDT71321/IDT71421 provides two ports with separate control,
address and I/O pins that permit independent access for reads or writes
to any location in memory. The IDT71321/IDT71421 has an automatic
power down feature controlled by CE. The CE controls on-chip power
down circuitry that permits the respective port to go into a standby mode
whennotselected(CE=VIH).Whenaportisenabled,accesstotheentire
memory array is permitted.
I nt e r rupt s
Iftheuserchoosestheinterruptfunction,amemorylocation(mailbox
or message center) is assigned to each port. The left port interrupt flag
(INTL) is asserted when the right port writes to memory location 7FE
(HEX), where a write is defined as the CER = R/WR =VIL,per Truth Table
II.Theleftportclearstheinterruptbyaccessingaddresslocation7FEwhen
CEL = OEL = VIL,R/W is a "don't care". Likewise, the right port interrupt
flag (INTR) is asserted when the left port writes to memory location 7FF
(HEX)andtocleartheinterruptflag(INTR),therightportmustaccessthe
memorylocation7FF.Themessage(8bits)at7FEor7FFisuser-defined,
sinceitisanaddressableSRAMlocation.Iftheinterruptfunctionisnotused,
address locations 7FE and 7FF are not used as mail boxes, but as part
of the random access memory. Refer to Truth Table II for the interrupt
operation.
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“Busy”.
The BUSY pin can then be used to stall the access until the operation on
the other side is completed. If a write operation has been attempted from
thesidethatreceivesabusyindication,thewritesignalisgatedinternally
to prevent the write from proceeding.
Theuseof BUSYLogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORthe BUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.InslavemodetheBUSYpinoperatessolely
asawriteinhibitinputpin.Normaloperationcanbeprogrammedbytying
the BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the BUSY pin for that port LOW.
The BUSY outputs on the IDT71321 (Master) are open drain type
outputs and require open drain resistors to operate. If these SRAMs are
Figure 3. Busy and chip enable routing for both width and depth
expansion with IDT71321 (Master) and (Slave) IDT71421 SRAMs.
2691 drw 16
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
BUSYL
BUSYR
5V
5V
270
Ω
270
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com