Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 71421LA55PFG8 Datasheet HTML 3Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 4Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 5Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 9Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 10Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
7
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage Output Test Load (Figure 2).
2. 'X' in part numbers indicates power rating (SA or LA).
3. This parameter is guaranteed by device characterization, but is not production tested.
AC Ele c t ric a l Cha ra c t e rist ic s Ove r t he
Ope rat ing Te m pe ra t ure Supply Volt a ge Ra nge (2)
71321X20
71421X20
Com'l Only
71321X25
71421X25
Com'l
& Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
ns
tAA
Address Access Time
____
20
____
25
ns
tACE
Chip Enable Access Time
____
20
____
25
ns
tAOE
Output Enable Access Time
____
11
____
12
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,3)
0
____
0
____
ns
tHZ
Output High-Z Time(1,3)
____
10
____
10
ns
tPU
Chip Enable to Power Up Time (3)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(3)
____
20
____
25
ns
2691 tbl 08a
71321X35
71421X35
Com'l Only
71321X55
71421X55
Com'l
& Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
35
____
55
____
ns
tAA
Address Access Time
____
35
____
55
ns
tACE
Chip Enable Access Time
____
35
____
55
ns
tAOE
Output Enable Access Time
____
20
____
25
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,3)
0
____
5
____
ns
tHZ
Output High-Z Time(1,3)
____
15
____
25
ns
tPU
Chip Enable to Power Up Time(3)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(3)
____
35
____
50
ns
2691 tbl 08b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com