Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  71421LA55PFG8 Datasheet HTML 1Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 2Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 3Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 4Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 5Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
4
DC Ele c t ric a l Cha ra c t e rist ic s Ove r t he Ope ra t ing
Te m pe ra t ure a nd Supply Volt a ge Ra nge (1,4) (V CC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (SA or LA).
2. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST CONDITIONS” of input
levels of GND to 3V.
3. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
4. Vcc = 5V, TA=+25°C for Typ and is not production tested. Vcc DC = 100mA (Typ)
5. Port "A" may be either left or right port. Port "B" is opposite from port "A".
71321X20
71421X20
Com'l Only
71321X25
71421X25
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL and CER = VIL,
Outputs Disabled
f = fMAX(2)
COM'L
SA
LA
110
110
250
200
110
110
220
170
mA
IND
SA
LA
____
____
____
____
110
110
270
220
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(2)
COM'L
SA
LA
30
30
65
45
30
30
65
45
mA
IND
SA
LA
____
____
____
____
30
30
75
55
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(2)
COM'L
SA
LA
65
65
165
125
65
65
150
115
mA
IND
SA
LA
____
____
____
____
65
65
170
140
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(3)
COM'L
SA
LA
1.0
0.2
15
5
1.0
0.2
15
5
mA
IND
SA
LA
____
____
____
____
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(2)
COM'L
SA
LA
60
60
155
115
60
60
145
105
mA
IND
SA
LA
____
____
____
____
60
60
165
130
2691 tbl 04a
71321X35
71421X35
Com'l Only
71321X55
71421X55
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL and CER = VIL,
Outputs Disabled
f = fMAX(2)
COM'L
SA
LA
80
80
165
120
65
65
155
110
mA
IND
SA
LA
____
____
____
____
65
65
190
140
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(2)
COM'L
SA
LA
25
25
65
45
20
20
65
35
mA
IND
SA
LA
____
____
____
____
20
20
70
50
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(2)
COM'L
SA
LA
50
50
125
90
40
40
110
75
mA
IND
SA
LA
____
____
____
____
40
40
125
90
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(3)
COM'L
SA
LA
1.0
0.2
15
4
1.0
0.2
15
4
mA
IND
SA
LA
____
____
____
____
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(2)
COM'L
SA
LA
45
45
110
85
40
40
100
70
mA
IND
SA
LA
____
____
____
____
40
40
110
85
2691 tbl 04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com