Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 71421LA55PFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 9Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 10Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 11Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 12Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 13Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 14Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
11
AC Ele c t ric a l Cha ra c t e rist ic s Ove r t he
Ope ra t ing Te m pe ra t ure a nd Supply Volt a ge Ra nge (6)
NOTES:
1. Port-to-port delay through RAM cells from the writing port to the reading port, refer to “Timing Waveform of Write with Port-to-Port Read and BUSY."
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that a write cycle is inhibited on port "B" during contention on port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
6. 'X' in part numbers indicates power rating (SA or LA)..
71321X20
71421X20
Com'l Only
71321X25
71421X25
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (For MASTER 71321)
tBAA
BUSY Access Time from Address
____
20
____
20
ns
tBDA
BUSY Disable Time from Address
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable
____
20
____
20
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
tWDD
Write Pulse to Data Delay(1)
____
50
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
35
____
35
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
25
____
35
ns
BUSY INPUT TIMING (For SLAVE 71421)
tWB
Write to BUSY Input(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
tWDD
Write Pulse to Data Delay(1)
____
40
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
30
____
35
ns
2691 tbl 10a
71321X35
71421X35
Com'l Only
71321X55
71421X55
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (For MASTER 71321)
tBAA
BUSY Access Time from Address
____
20
____
30
ns
tBDA
BUSY Disable Time from Address
____
20
____
30
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
30
ns
tBDC
BUSY Disable Time from Chip Enable
____
20
____
30
ns
tWH
Write Hold After BUSY(5)
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
35
____
55
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
35
____
50
ns
BUSY INPUT TIMING (For SLAVE 71421)
tWB
Write to BUSY Input(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
35
____
55
ns
2691 tbl 10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com