Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 71421LA55PFG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 9Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 10Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 11Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 12Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 13Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
10
T im ing Wa ve for m of Writ e Cycle N o. 2 , (CE Cont rolle d T im ing)(1,5)
T im ing Wa ve for m of Writ e Cycle N o. 1 , (R/W Cont rolle d T im ing)(1,5,8)
NOTES:
1. R/W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of CE = VIL and R/W= VIL.
3. tWR is measured from the earlier of CE or R/W going HIGH to the end of the write cycle.
4. During this period, the l/O pins are in the output state and input signals must not be applied.
5. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal (CE or R/W) is asserted last.
7. This parameter is determined to be device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test
Load (Figure 2).
8. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be
placed on the bus for the required tDW. If OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short
as the specified tWP.
ADDRESS
OE
CE
R/W
DATA OUT
DATA IN
(4)
(4)
2691 drw 08
tWC
tAS
(6)
tWR
(3)
tOW
tDW
tDH
tAW
tWP
(2)
tHZ
(7)
tWZ
(7)
tHZ
(7)
tWC
ADDRESS
CE
R/W
DATAIN
tAS
(6)
tEW
(2)
tWR
tDW
tDH
tAW
2691 drw 09
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com