Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71421LA55PFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  71421LA55PFG8 Datasheet HTML 1Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 2Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 3Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 4Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 5Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
2
Pin Configura t ions(1,2,3)
De sc ript ion
The IDT71321/IDT71421 are high-speed 2K x 8 Dual-Port Static
RAMs with internal interrupt logic for interprocessor communications.
The IDT71321 is designed to be used as a stand-alone 8-bit Dual-
Port Static RAM or as a "MASTER" Dual-Port Static RAM together
with the IDT71421 "SLAVE" Dual-Port in 16-bit-or-more word width
systems. Using the IDT MASTER/SLAVE Dual-Port Static RAM ap-
proach in 16-or-more-bit memory system applications results in full
speed, error-free operation without the need for additional discrete
logic.
Both devices provide two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access
for reads or writes to any location in memory. An automatic power
down feature, controlled by CE, permits the on chip circuitry of each
port to enter a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 325mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each Dual-
Port typically consuming 200µW from a 2V battery.
The IDT71321/IDT71421 devices are packaged in 52-pin PLCC,
52-pin STQFP, 64-pin TQFP, and 64-pin STQFP.
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J52 package body is approximately .75 in x .75 in x .17 in.
PN64 package body is approximately 14mm x 14mm x 1.4mm.
PP64 package body is approximately 10mm x 10mm x 1.4mm.
4. This package code is used to reference the package diagram.
71321/421
J52(4)
4L
I/O
5L
I/O
6L
I/O
7L
I/O
NC
GND
I/O 0R
I/O 1R
I/O 2R
I/O 3R
I/O 4R
I/O 5R
I/O 6R
A0L
OEL
A10L
INTL
BUSYL
R/WL
CEL
VCC
CER
R/WR
BUSYR
INTR
A10R
1
2
3
4
5
6
7
47
48
49
50
51
52
9
8
10
11
12
13
14
15
16
17
18
19
20
27
26
25
24
23
22
21
33
32
31
30
29
28
35
34
36 37 38 39 40 41 42 43 44 45 46
2691 drw 02
INDEX
71321/421
PN64 / PP64(4)
8 9 10 11 12 13 14 15 16
1 2 3 4 5 6 7
46 45444342 41 40 39 38 3736 3534
47
48
33
2691 drw 03
17
18
19
20
32
31
30
29
28
27
26
25
24
23
22
21
49
50
51
52
63
62
61
60
59
58
57
56
55
54
53
64
N/C
A10R
N/C
N/C
A10L
N/C
GND
N/C
N/C
GND
N/C
R/WR
CER
VCC
VCC
BUSYL
INTL
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
R/WL
CEL
BUSYR
INTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com