Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 44Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 45Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 46Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 47Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 48Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 49Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 50Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 51Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 52Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
64-pin QFP (14
´20) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.80
¾
19.20
B
13.90
¾
14.10
C
24.80
¾
25.20
D
19.90
¾
20.10
E
¾
1
¾
F
¾
0.40
¾
G
2.50
¾
3.10
H
¾¾
3.40
I
¾
0.10
¾
J
1.15
¾
1.45
K
0.10
¾
0.20
a
0
°¾
7
°
HT95LXXX
Rev. 1.20
49
May 26, 2004
5 1
5 2
6 4
1
2 0
3 2
3 3
1 9
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com