Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
HT95LXXX
Rev. 1.20
29
May 26, 2004
Register
Label
Bits R/W
Function
LCDIO
(28H)
¾
0~4
RO
Unused bit, read as
²0²
SPE0
5
RW
Supported for HT95L400/40P, HT95L300/30P, HT95L100/10P, HT95L000/00P
Bit value is 0:
HT95L400/40P: SEG47~SEG44 output are available
HT95L300/30P: SEG47~SEG44 output are available
HT95L100/10P: SEG19~SEG16 output are available
HT95L000/00P: SEG15~SEG12 output are available
Bit value is 1:
HT95L400/40P: PE3~PE0 output are available
HT95L300/30P: PE3~PE0 output are available
HT95L100/10P: PE3~PE0 output are available
HT95L000/00P: PE3~PE0 output are available
SPD0
6
RW
Supported for HT95L400/40P, HT95L300/30P
Bit value is 0: SEG39~SEG36 output are available
Bit value is 1: PD3~PD0 output are available
SPD1
7
RW
Supported for HT95L400/40P, HT95L300/30P
Bit value is 0: SEG43~SEG40 output are available
Bit value is 1: PD7~PD4 output are available
LCD Display Memory
The phone controller provides an area on embedded data memory for LCD display. The LCD display memory are lo-
cated at bank 1BH and can be read and written to, only by indirect addressing mode using MP1. When data is written
into the display data area it is automatically read by the LCD driver which then generates the corresponding LCD driv-
ing signals, to turn the display On or Off, a
²1² or ²0² is written to the corresponding bit of the display memory, respec-
tively. All of the LCD display memories are with random values after the power on reset and unchanged after other reset
conditions.
COM7 to COM0 for HT95L400/40P, HT95L300/30P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
40H
SEG0
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
41H
SEG1
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
¾¾
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
6EH
SEG46
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
6FH
SEG47
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15 to COM8 for HT95L400/40P, HT95L300/30P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
70H
SEG0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
71H
SEG1
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
¾¾
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
9EH
SEG46
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
9FH
SEG47
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
Note: When VBIAS bit set to 1 for 8 COM operation (48
´8), the LCD RAM only map to (70H~9FH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com