Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 39Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 40Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 41Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 42Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 43Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 44Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 45Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 46Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
RRCA [m]
Rotate right through carry and place result in the accumulator
Description
Data of the specified data memory and the carry flag are rotated 1 bit right. Bit 0 replaces
the carry bit and the original carry flag is rotated into the bit 7 position. The rotated result is
stored in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.i
¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
ACC.7
¬ C
C
¬ [m].0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
SBC A,[m]
Subtract data memory and carry from the accumulator
Description
The contents of the specified data memory and the complement of the carry flag are sub-
tracted from the accumulator, leaving the result in the accumulator.
Operation
ACC
¬ ACC+[m]+C
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from the accumulator
Description
The contents of the specified data memory and the complement of the carry flag are sub-
tracted from the accumulator, leaving the result in the data memory.
Operation
[m]
¬ ACC+[m]+C
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is 0
Description
The contents of the specified data memory are decremented by 1. If the result is 0, the next
instruction is skipped. If the result is 0, the following instruction, fetched during the current
instruction execution, is discarded and a dummy cycle is replaced to get the proper instruc-
tion (2 cycles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]
-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SDZA [m]
Decrement data memory and place result in ACC, skip if 0
Description
The contents of the specified data memory are decremented by 1. If the result is 0, the next
instruction is skipped. The result is stored in the accumulator but the data memory remains
unchanged. If the result is 0, the following instruction, fetched during the current instruction
execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cy-
cles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]
-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT95LXXX
Rev. 1.20
43
May 26, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com