Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 13Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 14Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 15Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 16Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 17Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
HT95LXXX
Rev. 1.20
17
May 26, 2004
· Sleep mode or Idle mode to Green mode:
Method 1: Any reset condition occurred
Method 2: Any interrupt is active
Method 3: Port A wake-up
Note:The Timer 0, Timer 1, RTC and dialer I/O inter-
rupt function will not work at the Idle mode be-
cause the 32768Hz crystal is stopped.
The reset conditions include power on reset, external re-
set, WDT time-out reset. By examining the processor
status flag, PDF and TO, the program can distinguish
between different
²reset conditions². Refer to the Reset
function for detailed description.
The port A wake-up and interrupt can be considered as
a continuation of normal execution. Each bit in port A
can be independently selected to wake-up the device by
mask option. Awakening from Port A stimulus, the pro-
gram will resume execution of the next instruction.
Any valid interrupts from Sleep mode or Idle mode may
cause two sequences. One is if the related interrupt is
disabled or the interrupt is enabled but the stack is full,
the program will resume execution at the next instruc-
tion. The other is if the interrupt is enabled and the stack
is not full, the regular interrupt response takes place. It is
necessary to mention that if an interrupt request flag is
set to
²1² before entering the Sleep mode or Idle mode,
the wake-up function of the related interrupt will be dis-
abled.
Once a Sleep mode or Idle mode wake-up event occurs,
it will take SST delay time (1024 system clock period) to
resume to Green mode. In other words, a dummy period
is inserted after a wake-up. If the wake-up results from
an interrupt acknowledge signal, the actual interrupt
subroutine execution will be delayed by one or more cy-
cles. If the wake-up results in the next instruction execu-
tion, this will be executed immediately after the dummy
period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the Sleep mode
or Idle mode.
The Sleep mode or Idle mode is initialized by the HALT
instruction and results in the following.
· The system clock will be turned off.
· The WDT function will be disabled if the WDT clock
source is the instruction clock.
· The WDT function will be disabled if the WDT clock
source is the 32768Hz in Idle mode.
· The WDT will still function if the WDT clock source is
the WDT OSC.
· If the WDT function is still enabled, the WDT counter
and WDT prescaler will be cleared and recounted
again.
· The contents of the on chip RAM and registers remain
unchanged.
· All the I/O ports maintain their original status.
· The flag PDF is set and the flag TO is cleared by hard-
ware.
Register
Label
Bits
R/W
Function
MODE
(26H)
¾
4~0
RO
Unused bit, read as
²0²
UPEN
5
RW
1: Enable frequency up conversion function to generate 3.58MHz
0: Disable frequency up conversion function to generate 3.58MHz
MODE0
6
RW
1: Disable 32768Hz oscillator while the HALT instruction is executed
(Idle mode)
0: Enable 32768Hz oscillator while the HALT instruction is executed
(Sleep mode)
MODE1
7
RW
1: Select 3.58MHz as CPU system clock
0: Select 32768Hz as CPU system clock
Operation Mode Description
HALT
Instruction
MODE1
MODE0
UPEN
Operation
Mode
32768Hz
3.58MHz
System
Clock
Not execute
1
X
1
Normal
ON
ON
3.58MHz
Not execute
0
X
0
Green
ON
OFF
32768Hz
Be executed
0
0
0
Sleep
ON
OFF
HALT
Be executed
0
1
0
Idle
OFF
OFF
HALT
Note:
²X² means don¢t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com