Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 33Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 34Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 35Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Application Circuits
Note: Some floating input pins (INT/TMR1, TMR0, etc.) are not shown in this circuit.
HT95LXXX
Rev. 1.20
32
May 26, 2004
V D D
2
5
8
0
3
6
9
#
K e y 1
K e y 2
K e y 3
K e y 4
1
4
7
* / T
V L C D
M E M O R Y
D I A L I N G
S T O R E
H O L D
A M
P M
A B R
M O N
T U E
W E D
T H R
F R I S A T
S U N
C O M M O N
S E G M E N T
X 1
X 2
X C
3 n F
5 0 n F
1 5 k W
3 2 7 6 8 H z
V S S
K e y M a t r i x
L C D P a n n e l
H T 9 5 L X X X
V D D
1 0 0 k W
0 . 1 m F
R E S
X M U T E
D T M F
S p e e c h
N e t w o r k
V D D
1 0 0 k W
2 7 0 k W
5 . 1 V
1 0 0 m F
0 . 1 m F
0 . 1 m F
H a n d f r e e
1 . 5 k W
O f f - h o o k
O n - h o o k
1 0 0 k W
R i n g
T i p
2 2 M W
1 0 0 k W
A 9 2
3 . 3 k W
A 4 2
0 . 0 2 m F
H F I
P O
H D I
V D D
H K S
H F O
1 0 0 k W
1 0 m F
2 2 0 k W
3 3 k W
3 3 0 k W
1 N 4 1 4 8
1 m F
2 . 2 k W
2 2 0 k W
4 7 k W
1 m F
1 5 0 k W
M U S I C
I / O
V D D
L B I N
I / O
I / O
0 . 1 m F
B a t t e r y
1 . 5 ´ 3
= 4 . 5 V
1 0 k W
K e y 5
K e y 6
K e y 7
K e y 8
K e y 9
K e y 1 0
K e y 1 1
K e y 1 2
H D O
2 2 0 k W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com