Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
HT95LXXX
Rev. 1.20
22
May 26, 2004
I/O port pull-high, wake-up function are selected by mask option
I/O Port
Output
Input
Supported for HT95LXXX
Pull-high Resistor Wake-up Function 400/40P 300/30P 200/20P 100/10P 000/00P
PA7~PA0
CMOS
Selected per bit
Selected per bit
ÖÖÖÖÖ
PB7~PB0
CMOS
Selected per bit
¾
ÖÖÖÖ
*
PD7~PD0
CMOS
Selected per nibble
¾
ÖÖÖ
¾
¾
PE3~PE0
CMOS
Selected per nibble
¾
ÖÖÖÖÖ
PF7~PF0
CMOS
Selected per nibble
¾
Ö
¾¾¾¾
PG3~PG0
CMOS
Selected per nibble
¾
Ö
¾¾¾¾
Note:
²¾² means unavailable
V D D
A l l I / O P i n s
M
U
X
P A W a k e - u p O p t i o n 0 ~ 7
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
D
Q
C K Q B
S
D
Q
C K Q B
S
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
Input/Output Ports
Some input/output pins can be optioned to LCD outputs by software.
Register Bits R/W Label Value
400/40P
300/30P
200/20P
100/10P
000/00P
LCDIO
(28H)
5
RW SPE0
0
SEG47~SEG44
¾
SEG19~SEG16 SEG15~SEG12
1
PE3~PE0
¾
PE3~PE0
PE3~PE0
7
RW SPD1
0
SEG43~SEG40
¾¾
¾
1
PD7~PD4
¾¾
¾
6
RW SPD0
0
SEG39~SEG36
¾¾
¾
1
PD3~PD0
¾¾
¾
LCDC
(2DH)
1
RW VBIAS
0
COM7~COM0
COM7~COM0
¾¾
1
COM7~COM0 are unavailable
PD7~PD0
¾¾
When the PD0~PD7 or the PE0~PE3 are not selected, the I/O port control register PDC (19H), PEC (1BH) could be
readable/writable and be used as a general user RAM, but this function is not available for register PD (18H) and PE
(1AH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com