Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 15Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 16Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 17Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
HT95LXXX
Rev. 1.20
19
May 26, 2004
Register
Addr.
Reset Conditions
Power On
RES Pin
RES Pin
(Sleep/Idle)
WDT
WDT
(Sleep/Idle)
WDTS
09H
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
0AH
--00 xxxx
--uu uuuu
--01 uuuu
--1u uuuu
--11 uuuu
INTC0
0BH
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR0H
0CH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0L
0DH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
0EH
00-0 1---
00-0 1---
00-0 1---
00-0 1---
uu-u u---
TMR1H
0FH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1L
10H
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
11H
00-0 1---
00-0 1---
00-0 1---
00-0 1---
uu-u u---
PA
12H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
13H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
14H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
15H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
DialerIO
16H
111x xxxx
111x xxxx
111x xxxx
111x xxxx
uuuu uuuu
PD
18H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
19H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
1AH
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PEC
1BH
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
INTC1
1EH
-000 -000
-000 -000
-000 -000
-000 -000
-uuu -uuu
TBHP
1FH
--xx xxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
DTMFC
20H
---- -0-1
---- -0-1
---- -0-1
---- -0-1
---- -u-u
DTMFD
21H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
LINE
22H
0--- ----
u--- ----
u--- ----
u--- ----
u--- ----
RTCC
24H
0-0- ----
u-u- ----
u-u- ----
u-u- ----
u-u- ----
MODE
26H
000- ----
00u- ----
00u- ----
00u- ----
000- ----
LCDIO
28H
000- ----
uuu- ----
uuu- ----
uuu- ----
uuu- ----
LCDC
2DH
0000 -000
uuuu -uuu
uuuu -uuu
uuuu -uuu
uuuu -uuu
PFDC
2EH
0000 ----
0000 ----
0000 ----
0000 ----
uuuu ----
PFDD
2FH
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
PF
34H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PFC
35H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PG
36H
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PGC
37H
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
RAM (Data & LCD)
x
u
u
u
u
Note:
²u² means ²unchanged²
²x² means ²unknown²
²-² means ²unused²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com