Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 33Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
HT95LXXX
Rev. 1.20
30
May 26, 2004
COM7 to COM0 for HT95L200/20P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
40H
SEG0
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
41H
SEG1
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
¾¾
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
56H
SEG22
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
57H
SEG23
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15 to COM8 for HT95L200/20P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
70H
SEG0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
71H
SEG1
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
¾¾
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
86H
SEG22
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
87H
SEG23
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
Note: When VBIAS bit is set to 1 for 8 COM operation (24
´8), the LCD RAM only map to (70H~87H).
COM7 to COM0 for HT95L100/10P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8CH
SEG0
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
8DH
SEG1
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
¾¾
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9EH
SEG18
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9FH
SEG19
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM7 to COM0 for HT95L000/00P
Address
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
90H
SEG0
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
91H
SEG1
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
¾¾
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9EH
SEG14
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9FH
SEG15
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
PFD Generator (Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P)
Register
Label
Bits
R/W
Function
PFDC
(2EH)
¾
3~0
RO
Unused bit, read as
²0²
PFDEN
4
RW
1: Enable PFD output
0: Disable PFD output, the MUSIC pin output low level.
PRES0
PRES1
5
6
RW
Bit6, 5=00: Prescaler output= PFD frequency source/1
Bit6, 5=01: Prescaler output= PFD frequency source/2
Bit6, 5=10: Prescaler output= PFD frequency source/4
Bit6, 5=11: Prescaler output= PFD frequency source/8
FPFD
7
RW
1: The PFD frequency source is 3.58MHz/4
0: The PFD frequency source is 32768Hz
PFDD
(2FH)
¾
7~0
RW
PFD data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com