Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 33Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 34Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
HT95LXXX
Rev. 1.20
31
May 26, 2004
The PFD (programmable frequency divider) is implemented in the phone controller. It is composed of two portions: a
prescaler and a general counter.
The prescaler is controlled by the register bits, PRES0 and PRES1. The general counter is programmed by an 8-bit
register PFDD.
The source for this generator can be selected from 3.58MHz/4 or 32768Hz. To enable the PFD output, write 1 to the
PFDEN bit.
The PFDD is inhibited to write while the PFD is disabled. To modify the PFDD contents, the PFD must be enabled.
When the generator is disabled, the PFDD is cleared by hardware.
PFD output frequency=
Prescaler output
2x(N + 1)
, where N=the value of the PFDD
Mask Option Table
The following shows many kinds of mask options in the telephone controller. All these options should be defined in or-
der to ensure proper system functions.
Name
Mask Option
WDT
WDT source selection
RC
®Select the WDT OSC to be the WDT source.
T1
®Select the instruction clock to be the WDT source.
32kHz
®Select the external 32768Hz to be the WDT source.
Disable
®Disable WDT function.
CLRWDT
This option defines how to clear the WDT by instruction.
One clear instruction
®The ²CLR WDT² can clear the WDT.
Two clear instructions
®Only when both of the ²CLR WDT1² and ²CLR WDT2² have been
executed, then WDT can be cleared.
Wake-up PA
Port A wake-up selection.
Define the activity of wake-up function.
All port A have the capability to wake-up the chip from a HALT.
This wake-up function is selected per bit.
Pull-high PA
Pull-high PB
Pull-high PD
Pull-high PE
Pull-high PF
Pull-high PG
Pull-high option.
This option determines whether the pull-high resistance is viable or not.
Port A pull-high option is selected per bit.
Port B pull-high option is selected per bit.
Port D pull-high option is selected per nibble.
(Note: Port D pull-high option is selected per byte for HT95L200/20P.)
Port E pull-high option is selected per nibble.
Port F pull-high option is selected per nibble.
Port G pull-high option is selected per nibble.
P r e s c a l e r
P r e s c a l e r
O u t p u t
P F D D
P R E S 1 , P R E S 0
3 2 7 6 8 H z
3 . 5 8 M H z / 4
P F D E N
P F D
O u t p u t
M U S I C
C l e a r
P F D E N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com