Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
HT95LXXX
Rev. 1.20
27
May 26, 2004
Line Control Function (Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P)
Register
Label
Bits
R/W
Function
LINE
(22H)
¾
6~0
RO
Unused bit, read as
²0²
LINEC
7
RW
1: Enable the line control function
0: Disable the line control function
The line control function is enabled by flag LINEC
Conditions
Source to Enable
Line Control Function
LINEC
Operation Mode
1
Normal or Green mode
RTC time out interrupt
1
Sleep mode
Port A wake-up
RTC time out interrupt
1
Idle mode
Port A wake-up
When the line control source is activated, the PO pin will be set to high signal. Clearing LINEC to 0 will terminate the line
control function and drive PO pin outputs low signal.
RTC Function
Register
Label
Bits
R/W
Function
RTCC
(24H)
¾
6, 4~0
RO
Unused bit, read as
²0²
RTCEN
5
RW
1: Enable RTC function
0: Disable RTC function
RTCTO
7
RW
1: RTC time-out occurs
0: RTC time-out not occurs
L i n e C o n t r o l
C i r c u i t
R T C I n t e r r u p t
P o r t A W a k e - u p F u n c t i o n
L I N E C = 1
P O = 1
The real time clock (RTC) is used to supply a regular in-
ternal interrupt. Its time-out period is 1000ms. If the RTC
time-out occurs, the interrupt request flag RTCF and the
RTCTO flag will be set to 1. The interrupt vector for the
RTC is 14H. When the interrupt subroutine is serviced,
the interrupt request flag (RTCF) will be cleared to 0, but
the flag RTCTO remain in its original value. If the
RTCTO flag is not cleared, next RTC time-out interrupt
will occur.
Low Battery Detection
(Supported for HT95L400/40P, HT95L300/30P,
HT95L200/20P, HT95L100/10P)
The phone controller provides a circuit that detects the
LBIN pin voltage level. To enable this detection func-
tion, the LBEN should be written as 1. Once this function
is enabled, the detection circuit needs 50
ms to be stable.
After that, the user could read the result from LBFG. The
low battery detect function will consume power. For
power saving, write 0 to LBEN if the low battery detec-
tion function is unnecessary.
V D E T
L B I N
L B F G
1 . 1 5 V R e f e r e n c e V o l t a g e
L B E N
R 1
R 2
The battery low threshold is determined by external R1
and R2 resistors.
1.15=
VxR2
R1+ R2
DET
® VDET=
1.15x(R1+ R2)
R2
If we want to detect VDET=2.4V
then 2.4V=
1.15x(R1+ R2)
R2
® R1=1.087R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com