Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 34Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 35Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 36Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 37Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 38Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 39Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 40Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 41Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
CPLA [m]
Complement data memory and place result in the accumulator
Description
Each bit of the specified data memory is logically complemented (1
¢s complement). Bits
which previously contained a 1 are changed to 0 and vice-versa. The complemented result
is stored in the accumulator and the contents of the data memory remain unchanged.
Operation
ACC
¬ [m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
DAA [m]
Decimal-Adjust accumulator for addition
Description
The accumulator value is adjusted to the BCD (Binary Coded Decimal) code. The accumu-
lator is divided into two nibbles. Each nibble is adjusted to the BCD code and an internal
carry (AC1) will be done if the low nibble of the accumulator is greater than 9. The BCD ad-
justment is done by adding 6 to the original value if the original value is greater than 9 or a
carry (AC or C) is set; otherwise the original value remains unchanged. The result is stored
in the data memory and only the carry flag (C) may be affected.
Operation
If ACC.3~ACC.0 >9 or AC=1
then [m].3~[m].0
¬ (ACC.3~ACC.0)+6, AC1=AC
else [m].3~[m].0
¬ (ACC.3~ACC.0), AC1=0
and
If ACC.7~ACC.4+AC1 >9 or C=1
then [m].7~[m].4
¬ ACC.7~ACC.4+6+AC1,C=1
else [m].7~[m].4
¬ ACC.7~ACC.4+AC1,C=C
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
DEC [m]
Decrement data memory
Description
Data in the specified data memory is decremented by 1.
Operation
[m]
¬ [m]-1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
DECA [m]
Decrement data memory and place result in the accumulator
Description
Data in the specified data memory is decremented by 1, leaving the result in the accumula-
tor. The contents of the data memory remain unchanged.
Operation
ACC
¬ [m]-1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾
Ö
¾¾
HT95LXXX
Rev. 1.20
38
May 26, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com